전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA-101AK 데이터시트(PDF) 2 Page - Rohm

부품명 LA-101AK
상세설명  High efficiency, single-digit numeric displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LA-101AK 데이터시트(HTML) 2 Page - Rohm

  LA-101AK_1 Datasheet HTML 1Page - Rohm LA-101AK_1 Datasheet HTML 2Page - Rohm LA-101AK_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA-101AK Series
LED displays
Rev.A
2/2
Internal circuit schematic (example of common cathode)
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
Absolute maximum ratings (Ta=25
°C)
Green
LA-101MA / MK
640
85 (45)
20
60∗
3
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LA-101VA / VK
Unit
mW
mW
mA
mA
V
˚C
˚C
640
85 (45)
15
60∗
3
−25 to +75
−30 to +85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Pulse width 1ms duty 1 / 5
( ) is D.P value
Electrical and optical characteristics (Ta=25
°C)
Not designed for radiation resistance.
The forward voltage and reverse current values are the guaranteed values per element.
Spectral line half
width
Peak wavelength
Reverse current
Forward voltage
Green
−−
Min.
40
563
2.1
4.2
Typ.
2.8
5.6
Max.
Symbol
Unit
Parameter
Red
∆λ
nm
λP
nm
IR
−−
µA
VF
Conditions Elements
IF
=10mA
IF
=10mA
VR
=3V
IF
=10mA
Min.
40
650
2.0
4.0
2
1
Typ.
2.8
100
100
5.6
Max.
V
1
2
1
2
1
2
1
2
Luminous intensity
Green
563
LA-101MK
LA-101MA
5.6
16
mcd
λP
Unit
Color
Red
650
Type
LA-101VK
LA-101VA
Min.
3.6
Typ.
10
Max.
mcd
Note : Measured at IF=10mA


유사한 부품 번호 - LA-101AK_1

제조업체부품명데이터시트상세설명
logo
Rohm
LA-101AK ROHM-LA-101AK_17 Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
More results

유사한 설명 - LA-101AK_1

제조업체부품명데이터시트상세설명
logo
Rohm
LA-101AK ROHM-LA-101AK_17 Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_08 Datasheet
85Kb / 4P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_1 Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_11 Datasheet
941Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK Datasheet
57Kb / 2P
   High efficiency, single-digit numeric displays
LA-601BL ROHM-LA-601BL Datasheet
58Kb / 2P
   High efficiency, single-digit numeric displays
LA-801FP ROHM-LA-801FP Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com