전자부품 데이터시트 검색엔진 |
|
TPPM0301DR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
TPPM0301DR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 12 page TPPM0301 400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT SLVS315 – SEPTEMBER 2000 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 1. Input Selection INPUT VOLTAGE STATUS (V) INPUT SELECTED OUTPUT (V) OUTPUT (I) 5VCC 5VAUX 3.3VAUX 5VCC/5VAUX/3.3VAUX 3.3VOUT IL (mA) 0 0 0 None 0 0 0 0 3.3 3.3VAUX 3.3 375 0 5 0 5VAUX 3.3 400 0 5 3.3 5VAUX 3.3 400 5 0 0 5VCC 3.3 400 5 0 3.3 5VCC 3.3 400 5 5 0 5VCC 3.3 400 5 5 3.3 5VCC 3.3 400 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, 5-V main input, V(5VCC) (see Notes 1 and 2) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Auxiliary voltage, 5-V input, V(5VAUX) (see Notes 1 and 2) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Auxiliary voltage, 3.3-V input, V(3.3VAUX) (see Notes 1 and 2) 5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3-V output current limit, I(LIMIT) 1.5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous power dissipation, PD (see Note 3) 1 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrostatic discharge susceptibility, human body model, V(HBMESD) 2 kV . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating ambient temperature range, TA 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –55 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating junction temperature range, TJ –5 °C to 120°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature (soldering, 10 second), T(LEAD) 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to GND. 2. Absolute negative voltage on these terminal should not be below –0.5 V. 3. R θJA must be less than 55°C/W, typically achieved with two square inches of copper printed circuit board area connected to the GND terminals for heat dissipation or equivalent. recommended operating conditions MIN TYP MAX UNIT 5-V main input, V(5VCC) 4.5 5.5 V 5-V auxiliary input, V(5VAUX) 4.5 5.5 V 3.3-V auxiliary input, V(3.3VAUX) 3 3.6 V Load capacitance, CL 4.23 4.7 5.17 µF Load current, IL 0 400 mA Ambient temperature, TA 0 70 °C |
유사한 부품 번호 - TPPM0301DR |
|
유사한 설명 - TPPM0301DR |