전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-7847-KC-AZ 데이터시트(PDF) 2 Page - California Eastern Labs

부품명 MC-7847-KC-AZ
상세설명  NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7847-KC-AZ 데이터시트(HTML) 2 Page - California Eastern Labs

  MC-7847-KC-AZ Datasheet HTML 1Page - California Eastern Labs MC-7847-KC-AZ Datasheet HTML 2Page - California Eastern Labs MC-7847-KC-AZ Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC-7847-KC
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these prod
ucts can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do
so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
PART NUMBER
PACKAGE
QUANTITY
MC-7847-KC-AZ 7-pin special with heatsink 25 pcs max/ Tray
(Pb-Free)
ORDERING INFORMATION
ABSOLUTE
MAXIMUM RATINGS1 (TCASE= 30 °C)
SYMBOLS
PARAMETERS
UNITS RATINGS
VDD
Supply Voltage
V
30
VI
Input Voltage (Single Tone)2 dBmV
65
TC
Operating Case Temperature
°C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Maximum single channel power applied to the input for 1 minute
with no measurable degradation in performance.
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDD
Supply VoltageV
23.5 24.0 24.5
Vi
Input Voltage1,
dBmV
MC-7847-KC
32.0 35.0
TC
Operating Case
°C
-30 +25 +85
Temperature
RECOMMENDED
OPERATING CONDITIONS (Zs= ZL = 75Ω)
Note:
1. Test Conditions: 110 Channels, 10 dB tilted across the band.
1. The space between PC board and root of the lead should be kept
more than 1 mm to prevent undesired stress on the lead and also
should be kept less than 4 mm to prevent undesired parasitic
inductance.
Recommended space is 2.0 to 3.0 mm typical.
2. Recommended torque strength of the screw is 59 to 78 Ncm.
3. Form the ground pattern as wide as possible to minimize ground
impedance. (to prevent undesired oscillation)
All the ground pins must be connected together with wide ground
pattern to decrease impedance difference.
NOTES ON CORRECT USE
This product should be soldered in the following recommended
conditions. Other soldering methods and conditions than the recom-
mended conditions are to be consulted with our sales representa-
tives.
RECOMMENDED SOLDERING CONDITIONS
Soldering
Soldering
Condition
Method
Conditions
Symbol
Pin Part Heating Pin area temperature: less
than 260°C1
Hour: Within 2 sec./pin
Note.
1. The point of pin part heating must be kept at a distance of more
than 1.2 mm from the root of lead.
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


유사한 부품 번호 - MC-7847-KC-AZ

제조업체부품명데이터시트상세설명
logo
NEC
MC-7847-KC NEC-MC-7847-KC Datasheet
94Kb / 2P
   25 dB POWER DOUBLER AM PLI FI ER
More results

유사한 설명 - MC-7847-KC-AZ

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
MC7884 CEL-MC7884 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com