전자부품 데이터시트 검색엔진 |
|
ML0XX18 데이터시트(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
ML0XX18 데이터시트(HTML) 3 Page - Mitsubishi Electric Semiconductor |
3 / 9 page MITSUBISHI ICs for Optical Communication M L 0 X X 1 8 10Gb/s EA Modulator Driver IC MITSUBISHI ELECTRIC - 3 - Notice: This is not a final specification. Some parametric limits are subject to change. ‘04/1/14 rev.2.1 FUNCTIONAL DESCRIPTION The ML0XX18 is an external modulator driver integrating a D-FF and output waveform adjustment controls, such as output swing, offset voltage, and cross point. These functions of the ML0XX18 help customers to realize an excellent optical waveform on their system. Figure 1 shows the block diagram of the ML0XX18. Figure 1. ML0XX18 Block Diagram DATA/CLOCK INPUT Both the data and clock inputs have on-chip 50Ω terminations. Thanks to the high gain input buffers, the sensitivities of data and clock inputs are as high as 200mV differential. For the data input interface, both DC/AC-coupled connections are allowed. In the case of DC couple, keep IINBIAS floating or connect to VEE in order to disable the internal biasing generator. If interfacing by AC couple, connect IINBIAS to GND, and external DC blocking capacitors are required for AC couple. The clock input supports only AC-coupled configuration. External DC blocking capacitors are needed as well. CLKN CLK 50Ω 50Ω CSEL D-FF SEL GND DATA DATAN 50Ω 50Ω VEE Cross -Point Control Modulation OUT Modulation Current Control IM OUTN Offset Voltage Control ICRSADJ IOFS GNDON IINBIAS GNDO |
유사한 부품 번호 - ML0XX18 |
|
유사한 설명 - ML0XX18 |