전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PHN210 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 PHN210
상세설명  Dual N-channel enhancement mode TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN210 데이터시트(HTML) 3 Page - NXP Semiconductors

  PHN210 Datasheet HTML 1Page - NXP Semiconductors PHN210 Datasheet HTML 2Page - NXP Semiconductors PHN210 Datasheet HTML 3Page - NXP Semiconductors PHN210 Datasheet HTML 4Page - NXP Semiconductors PHN210 Datasheet HTML 5Page - NXP Semiconductors PHN210 Datasheet HTML 6Page - NXP Semiconductors PHN210 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
PHN210
TrenchMOS
TM transistor
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C, per MOSFET unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source diode
T
a =
25 ˚C
-
-
2.2
A
current (per MOSFET)
I
SM
Pulsed source diode current
-
-
14
A
(per MOSFET)
V
SD
Diode forward voltage
I
F = 1.25 A; VGS = 0 V
-
0.82
1.2
V
t
rr
Reverse recovery time
I
F = 1.25 A; -dIF/dt = 100 A/µs;
-
69
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 25 V
-
55
-
nC
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Ta)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Ta); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
a = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-a = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Tamb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
PHN210
0.01
0.1
1
10
100
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
10 s
100 ms
10 ms
RDS(on) = VDS/ ID
1 ms
tp = 10 us
100 us
0
20
40
60
80
100
120
140
Ambient temperature, Tamb (C)
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
PHN210
0.01
0.1
1
10
100
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
Pulse width, tp (s)
Peak Pulsed Drain Current, IDM (A)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
February 1999
3
Rev 1.000


유사한 부품 번호 - PHN210

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
PHN210 NEXPERIA-PHN210 Datasheet
213Kb / 8P
   Dual N-channel enhancement mode TrenchMOSTM transistor
January 2002
logo
NXP Semiconductors
PHN210T NXP-PHN210T Datasheet
94Kb / 7P
   Dual N-channel enhancement mode
March 1999 Rev 1.000
logo
Nexperia B.V. All right...
PHN210T NEXPERIA-PHN210T Datasheet
438Kb / 14P
   Dual N-channel TrenchMOS intermediate level FET
Rev. 02 - 15 December 2010
More results

유사한 설명 - PHN210

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
   N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
PHKD3NQ10T PHILIPS-PHKD3NQ10T Datasheet
79Kb / 7P
   Dual N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
Seme LAB
2N7002DCSM SEME-LAB-2N7002DCSM Datasheet
20Kb / 2P
   DUAL N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com