전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC2710 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 FDC2710
상세설명  Open Carrier Frequency Doubler For Microwave Telecommunications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

FDC2710 데이터시트(HTML) 1 Page - Tyco Electronics

  FDC2710 Datasheet HTML 1Page - Tyco Electronics FDC2710 Datasheet HTML 2Page - Tyco Electronics FDC2710 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Open Carrier Frequency Doubler
For Microwave Telecommunications
FDC2710
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• INPUT: 3.5 TO 8.0 GHz
• OUTPUT: 7.0 TO 16.0 GHz
• INPUT DRIVE LEVEL +10 dBm (NOMINAL)
• MICROSTRIP INTERFACE
Description
The FDC2710 is a passive bridge diode frequency doubler, de-
signed for use in the high volume commercial and test equipment
applications. The design utilizes Schottky bridge quad diodes and
broadband baluns to attain excellent performance.
The use of
high temperature solder and welded assembly processes used
internally makes it ideal for use in semi-automated and automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FDC2710
Open Carrier
Electrical Specifications: Z0 = 50Ω
Ω Pin = +10 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fin = 3.5 to 4.5 GHz
fin = 4.5 to 7.0 GHz
fin = 7.0 to 8.0 GHz
dB
dB
dB
13.0
10.2
11.2
14.0
12.5
13.5
14.5
13.0
14.0
Fundamental
Suppression (min)
fin = 3.5 to 6.5 GHz
fin = 6.5 to 8.0 GHz
dBc
dBc
40
40
28
30
26
28
Third Harmonic
Suppression (min)
fin = 6.5 to 8.0 GHz
dBc
50
40
38
Product Image


유사한 부품 번호 - FDC2710

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
   Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
   Open Carrier Frequency Doubler
More results

유사한 설명 - FDC2710

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
   Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
   Open Carrier Frequency Doubler For Microwave Telecommunications
logo
Tyco Electronics
FDC2310 MACOM-FDC2310 Datasheet
211Kb / 3P
   Open Carrier Frequency Doubler For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
   Open Carrier Frequency Doubler
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
   Open Carrier Frequency Doubler
logo
Tyco Electronics
MC4113 MACOM-MC4113 Datasheet
317Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC4510 MACOM-MC4510 Datasheet
323Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2307 MA-COM-MC2307 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310 MA-COM-MC2310 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2320 MA-COM-MC2320 Datasheet
94Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com