전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST45LF010-10-4C-SA 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST45LF010-10-4C-SA
상세설명  1 Mbit Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010-10-4C-SA 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST45LF010-10-4C-SA Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 11Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 12Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 13Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Data Sheet
1 Mbit Serial Flash
SST45LF010
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
FIGURE 7: SECTOR-ERASE TIMING DIAGRAM
FIGURE 8: CHIP-ERASE TIMING DIAGRAM
372 ILL F06.7
CE#
WP#
SO
SI
SCK
ADD.
SELF-TIMED SECTOR-
ERASE CYCLE
012
34
5
6
7
8
ADD.
X
D0H
X
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47
20H
TSE
TWPH
TWPS
372 ILL F07.10
CE#
SO
SI
SCK
X
012
34
5
6
7
8
X
X
D0H
X
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47
60H
WP#
SELF-TIMED CHIP-
ERASE CYCLE
TSCE
TWPH
TWPS


유사한 부품 번호 - SST45LF010-10-4C-SA

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST45LF010-10-4C-SA SST-SST45LF010-10-4C-SA Datasheet
181Kb / 14P
   1 Megabit Serial Flash
More results

유사한 설명 - SST45LF010-10-4C-SA

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Eon Silicon Solution In...
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Renesas Technology Corp
AT25EU0011A RENESAS-AT25EU0011A Datasheet
2Mb / 58P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
May 19, 2022
logo
Dialog Semiconductor
AT25EU0011A DIALOG-AT25EU0011A Datasheet
1Mb / 62P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com