전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAWKE58M7VCMZ00R02 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd.

부품명 SAWKE58M7VCMZ00R02
상세설명  Traps for TV/VCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAWKE58M7VCMZ00R02 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SAWKE58M7VCMZ00R02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAWKE58M7VCMZ00R02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAWKE58M7VCMZ00R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAWKE58M7VCMZ00R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Filters for Audio Visual Equipment
10
Traps for TV/VCR
BGS Traps
0.5
±0.1
7.0 max.
5.0
±0.2
E I A J
C O D E
1.3
±0.1
in mm
Part Number
Nominal
Center Frequency (fn)
(MHz)
Attenuation at fp
(dB)
Attenuation at fs
(dB)
6dB Bandwidth
(kHz)
10dB Bandwidth
(kHz)
MKTGA30M0AALP00B05
30.0
-
2 max.
-
±65 min.
MKTGA30M9AALP00B05
30.9
-
2 max.
-
±65 min.
MKTGA31M2AALP00B05
31.2
-
2 max.
-
±65 min.
MKTGA31M5AALP00B05
31.5
-
2 max.
-
±65 min.
MKTGA31M9AALP00B05
31.9
-
2 max.
-
±65 min.
MKTGA32M0AALP00B05
32.0
-
2 max.
-
±65 min.
MKTGA39M5AAHP00B05
39.5
2 max.
-
-
±65 min.
MKTGA39M7AALP00B05
39.75
2 max.
-
-
±65 min.
MKTGA40M4AAHP00B05
40.4
2 max.
-
-
±65 min.
MKTGA40M7AAHP00B05
40.7
2 max.
-
-
±65 min.
MKTGA40M9AAHP00B05
40.9
2 max.
-
-
±65 min.
MKTGA41M5AAHP00B05
41.5
2 max.
-
-
±65 min.
MKTGA47M2AAHP00B05
47.25
2 max.
-
-
±65 min.
MKTGA47M2CAHP00B05
47.25
0.5 max.
-
±45 min. (from fn) , 180kHz min. (total)
-
MKTGA60M2CAHP00B05
60.25
0.5 max.
-
±45 min. (from fn) , 180kHz min. (total)
-
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


유사한 부품 번호 - SAWKE58M7VCMZ00R02

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

유사한 설명 - SAWKE58M7VCMZ00R02

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Texas Instruments
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com