전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MASW-007073-000100 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 MASW-007073-000100
상세설명  GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007073-000100 데이터시트(HTML) 2 Page - Tyco Electronics

  MASW-007073-000100 Datasheet HTML 1Page - Tyco Electronics MASW-007073-000100 Datasheet HTML 2Page - Tyco Electronics MASW-007073-000100 Datasheet HTML 3Page - Tyco Electronics MASW-007073-000100 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
! !
"
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
#
*
!
" # $ %&' ()* $ &*
#
+
,
#-
, .
6
8
0 ' ?45
8
* ' ?45
8
( ' ?45
3
3
3
G
G
G
0 1
0 )
* '
0 .
0 &
* (
8
0 ' ?45
8
* ' ?45
8
( ' ?45
3
3
3
(1
*.
*1
(&
((
*.
G
G
G
27< ;
8
0 ' ?45
8
* ' ?45
8
( ' ?45
G
G
G
G
G
G
0 (%0
0 (%0
0 1%0
0 .%0
0 .%0
* *%0
0 1%0
* '%0
* /%0
$
$
$
$
$
0'= -'= !-'= 0'=
0
1'= $$6
-'= 0'= ;+
"
2
G
G
G
01
1'
1'
1'
01'
01'
0 3
'1 ?45
1 ( ' ?45
3
3
G
G
H*'
H*.
G
G
9(
$
' '1 ?45
F
H1 3
' 1 ( ' ?45
3
3
G
G
H(1
H/)
G
G
2
G
2
H/ 1
H1 '
H1 1
2EE
G
2
& '
1 '
/ .1
2 6
2 4
6 <
4 ?4
2
2
' '
* '
G
G
' &
1 '
6
2
I 2
?:8
0 '
G
0 '
J
7
2
I 2
?:8
G
*1'
/''
K
7
9
$$6
9
2
I
,!2
I 2
* 02
G
G
0 '
EE
2EE
,!2
I 2 6
2 4
0 '
' *
G
0 8
'0 L+
D
, .
/
%(
0
, .
,
9
' '1 ?45
' 1 ( ' ?45
/
H*. 3
H(/ 3
2
' 12 M2
MH. '2
2EE
& 12 M2EE MH' 12
2
2EE
' 12 M2
2EE M0/ 12
2
1
' 12 M2
M2
H ' 12
$
/'N
H&1N
7
$
)1N
H0*1N
* E,
"
(
"
/ <
;+
!
"
,
H(' 3
1 7
7 $$6
!
1
9
"
%
!
!
2 -
?
E78
"
"
9
E78
D
"


유사한 부품 번호 - MASW-007073-000100

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

유사한 설명 - MASW-007073-000100

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0314 MACOM-SW65-0314 Datasheet
216Kb / 2P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
   GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
130Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com