전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE325S01-T1 데이터시트(PDF) 1 Page - NEC

부품명 NE325S01-T1
상세설명  C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NE325S01-T1 데이터시트(HTML) 1 Page - NEC

  NE325S01-T1 Datasheet HTML 1Page - NEC NE325S01-T1 Datasheet HTML 2Page - NEC NE325S01-T1 Datasheet HTML 3Page - NEC NE325S01-T1 Datasheet HTML 4Page - NEC NE325S01-T1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SYMBOLS
CHARACTERISTICS
UNITS MIN TYP MAX
VDS
Drain to Source Voltage
V
2
3
ID
Drain Current
mA
10
20
Pin
Input Power
dBm
0
FEATURES
• SUPER LOW NOISE FIGURE:
0.45 dB TYP at 12 GHz
• HIGH ASSOCIATED GAIN:
12.5 dB TYP at 12 GHz
• GATE LENGTH: ≤ 0.20 µm
• GATE WIDTH: 200 µm
• LOW COST PLASTIC PACKAGE
C to KU BAND SUPER LOW
NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01
PART NUMBER
NE325S01
PACKAGE OUTLINE
S01
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF1
Noise Figure, VDS = 2 V, ID = 10 mA, f = 12 GHz
dB
0.45
0.55
GA1
Associated Gain, VDS = 2 V, ID = 10 mA, f = 12 GHz
dB
11.0
12.5
IDSS
Saturated Drain Current, VDS = 2 V, VGS = 0 V
mA
20
60
90
gm
Transconductance, VDS = 2 V, ID = 10 mA
mS
45
60
VGS(off)
Gate to Source Cutoff Voltage, VDS = 2 V,ID = 100 µAV
-0.2
-0.7
-2.0
IGSO
Gate to Source Leak Current, VGS = -3 V
µA
0.5
10
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Frequency, f (GHz)
California Eastern Laboratories
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production line
as a "go-no-go" screening tuned for the "generic" type but not each specimen.
1.0
0.5
0
12
4
6
8 10
14
20
30
4
8
12
16
20
24
VDS = 2 V
ID = 10 mA
Ga
NF
DESCRIPTION
The NE325S01 is a Hetero-Junction FET that uses the junction
between Si-doped AlGaAs and undoped InGaAs to create very
high mobility electrons. Its excellent low noise figure and high
associated gain make it suitable for commercial systems and
industrial applications.
NEC's stringent quality assurance and test procedures assure
the highest reliability and performance.


유사한 부품 번호 - NE325S01-T1

제조업체부품명데이터시트상세설명
logo
NEC
NE325S01-T1 NEC-NE325S01-T1 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01-T1 CEL-NE325S01-T1 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01-T1B NEC-NE325S01-T1B Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01-T1B CEL-NE325S01-T1B Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

유사한 설명 - NE325S01-T1

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com