전자부품 데이터시트 검색엔진 |
|
SN74AC533NSRG4 데이터시트(PDF) 4 Page - Texas Instruments |
|
SN74AC533NSRG4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 16 page SN54AC533, SN74AC533 OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCAS555C − NOVEMBER 1995 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54AC533 SN74AC533 UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration, LE high 6 8 6.5 ns tsu Setup time, data before LE ↓ 5.5 7.5 6 ns th Hold time, data after LE ↓ 1.5 2.5 1 ns timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) TA = 25°C SN54AC533 SN74AC533 UNIT MIN MAX MIN MAX MIN MAX UNIT tw Pulse duration, LE high 4.5 6.5 5 ns tsu Setup time, data before LE ↓ 4 6 4.5 ns th Hold time, data after LE ↓ 1.5 2.5 1 ns switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C SN54AC533 SN74AC533 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX MIN MAX MIN MAX UNIT tPLH D Q 2 14 1 17.5 1.5 16 ns tPHL D Q 2 13 1 16 1.5 14.5 ns tPLH LE Q 2 14.5 1 18 1.5 16.5 ns tPHL LE Q 2 13 1 16 1.5 14.5 ns tPZH OE Q 2 12.5 1 15.5 1.5 14 ns tPZL OE Q 2 12.5 1 15.5 1.5 14 ns tPHZ OE Q 2 13 1 16 1.5 14.5 ns tPLZ OE Q 2 13 1 16 1.5 14.5 ns switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C SN54AC533 SN74AC533 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX MIN MAX MIN MAX UNIT tPLH D Q 2 10 1 12.5 1.5 11 ns tPHL D Q 2 9.5 1 12 1.5 10.5 ns tPLH LE Q 2 10.5 1 13 1.5 11.5 ns tPHL LE Q 2 10 1 13 1.5 11 ns tPZH OE Q 2 9.5 1 12 1.5 10.5 ns tPZL OE Q 2 9.5 1 12 1.5 10.5 ns tPHZ OE Q 2 10 1 12.5 1.5 11 ns tPLZ OE Q 2 10 1 12.5 1.5 11 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance CL = 50 pF, f = 1 MHz 40 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74AC533NSRG4 |
|
유사한 설명 - SN74AC533NSRG4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |