전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE3210S01-T1 데이터시트(PDF) 5 Page - California Eastern Labs

부품명 NE3210S01-T1
상세설명  SUPER LOW NOISE HJ FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

NE3210S01-T1 데이터시트(HTML) 5 Page - California Eastern Labs

  NE3210S01-T1 Datasheet HTML 1Page - California Eastern Labs NE3210S01-T1 Datasheet HTML 2Page - California Eastern Labs NE3210S01-T1 Datasheet HTML 3Page - California Eastern Labs NE3210S01-T1 Datasheet HTML 4Page - California Eastern Labs NE3210S01-T1 Datasheet HTML 5Page - California Eastern Labs NE3210S01-T1 Datasheet HTML 6Page - California Eastern Labs NE3210S01-T1 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NE3210S01
j50
j25
j10
0
-j10
-j25
-j50
-j100
10
25
50 100
j100
0
S11
26.5 GHz
S11
0.1 GHz
S22
0.1 GHz
S22
26.5 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
S12
0.1 GHz
S12
26.5 GHz
S21
0.1 GHz
S21
26.5 GHz
TYPICAL SCATTERING PARAMETERS(TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
1.000
-1.27
4.899
178.46
0.001
88.31
0.654
-0.82
-0.03
36.47
0.20
1.000
-2.34
4.887
177.42
0.003
87.85
0.653
-2.00
-0.01
32.67
0.30
1.000
-3.43
4.884
176.29
0.004
88.67
0.653
-3.07
-0.01
31.02
0.40
0.999
-4.65
4.886
174.90
0.005
86.60
0.654
-3.96
0.04
29.78
0.50
0.996
-5.48
4.814
172.98
0.006
85.34
0.658
-4.64
0.10
28.83
0.70
0.993
-7.58
4.812
170.21
0.009
84.29
0.657
-6.56
0.13
27.34
1.00
0.989
-11.19
4.806
166.08
0.013
81.96
0.654
-9.07
0.16
25.79
1.50
0.980
-16.80
4.787
159.23
0.019
78.12
0.647
-13.65
0.19
24.05
2.00
0.967
-22.91
4.785
152.33
0.025
74.21
0.638
-17.91
0.25
22.83
2.50
0.951
-29.06
4.770
145.49
0.031
70.41
0.628
-22.27
0.30
21.88
3.00
0.931
-35.15
4.754
138.61
0.037
65.91
0.614
-26.72
0.36
21.12
3.50
0.908
-41.09
4.713
131.78
0.042
61.37
0.599
-31.08
0.43
20.49
4.00
0.882
-46.86
4.663
125.12
0.047
56.77
0.583
-35.15
0.50
19.99
5.00
0.825
-58.15
4.565
112.41
0.055
48.65
0.549
-42.36
0.64
19.22
6.00
0.766
-68.97
4.529
100.03
0.061
42.30
0.515
-49.21
0.75
18.73
7.00
0.694
-82.82
4.537
86.54
0.070
34.76
0.463
-57.82
0.84
18.10
8.00
0.582
-97.90
4.418
71.98
0.074
24.44
0.380
-66.37
1.06
16.21
9.00
0.488
-116.40
4.301
57.78
0.079
16.93
0.314
-77.56
1.18
14.77
10.00
0.407
-135.11
4.109
45.24
0.080
12.32
0.261
-85.89
1.33
13.66
11.00
0.394
-158.15
4.111
31.91
0.091
9.33
0.230
-102.84
1.21
13.79
12.00
0.391
173.89
3.994
16.52
0.102
1.30
0.173
-129.97
1.15
13.56
13.00
0.406
144.90
3.761
1.58
0.108
-7.33
0.132
-172.68
1.16
12.97
14.00
0.441
119.35
3.455
-12.50
0.109
-14.99
0.151
140.72
1.21
12.22
15.00
0.507
101.09
3.183
-25.26
0.111
-21.27
0.208
114.68
1.20
11.89
16.00
0.578
86.36
2.934
-37.87
0.109
-26.89
0.269
98.87
1.18
11.74
17.00
0.652
74.71
2.701
-51.30
0.110
-32.42
0.352
87.44
1.09
12.09
18.00
0.718
64.03
2.400
-64.66
0.108
-39.12
0.440
76.72
1.02
12.66
19.00
0.761
54.95
2.110
-75.90
0.105
-44.73
0.517
69.92
0.97
13.03
20.00
0.790
48.81
1.857
-85.48
0.100
-48.33
0.564
64.15
0.96
12.68
21.00
0.812
45.64
1.679
-93.42
0.100
-50.92
0.597
59.30
0.91
12.25
22.00
0.841
41.18
1.540
-102.29
0.100
-56.31
0.640
55.17
0.77
11.86
23.00
0.857
36.68
1.418
-112.28
0.098
-62.75
0.675
50.52
0.67
11.60
24.00
0.851
32.71
1.291
-121.28
0.095
-67.41
0.702
46.98
0.65
11.32
25.00
0.856
27.01
1.229
-129.13
0.092
-71.40
0.706
46.39
0.61
11.24
26.00
0.849
26.42
1.202
-136.41
0.094
-72.43
0.688
40.12
0.65
11.05
26.50
0.843
26.81
1.180
-141.30
0.093
-74.92
0.694
34.43
0.66
11.04
NE3210S01
VD = 2 V, ID = 10 mA
Coordinates in Ohms
Frequency in GHz
VD = 2 V, ID = 10 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG = |S
21
|
|S12|
K - 1
).
2
(K ±
D = S11 S22 - S21 S12
When K
£ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | D | - |S11| - |S22|
2
2
2
2 |S12 S21|
,


유사한 부품 번호 - NE3210S01-T1

제조업체부품명데이터시트상세설명
logo
NEC
NE3210S01-T1 NEC-NE3210S01-T1 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3210S01-T1 RENESAS-NE3210S01-T1 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
NEC
NE3210S01-T1B NEC-NE3210S01-T1B Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3210S01-T1B RENESAS-NE3210S01-T1B Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results

유사한 설명 - NE3210S01-T1

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com