전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP31QF 데이터시트(PDF) 9 Page - WJ Communication. Inc.

부품명 FP31QF
상세설명  2-Watt HFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WJCI [WJ Communication. Inc.]
홈페이지  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF 데이터시트(HTML) 9 Page - WJ Communication. Inc.

Back Button FP31QF_06 Datasheet HTML 4Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 5Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 6Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 7Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 8Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 9Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 10Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 11Page - WJ Communication. Inc. FP31QF_06 Datasheet HTML 12Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 9 of 12 October 2006
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
Reference Design: 2400 – 2500 MHz
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +9 V, Ids = 450 mA, 25 °°°°C
Frequency
MHz
2400
2500
S21 – Gain
dB
12.1
12.0
S11 – Input Return Loss
dB
-13
-16
S22 – Output Return Loss
dB
-13
-17
Output P1dB
dBm
+33.5
Output IP3
(+18 dBm / tone, 1 MHz spacing)
dBm
+46.8
Noise Figure
dB
4.6
The 2.4 – 2.5 GHz Reference Circuit is shown for design purposes only. An
evaluation board is not readily available for this application. The reader can
obtain any FP31QF evaluation board and modify it with the circuit shown to
achieve the performance shown in this reference design.
2.3
2.35
2.4
2.45
2.5
2.55
2.6
Frequency (GHz)
Measured S-Parameters
-25
-20
-15
-10
-5
0
5
10
15
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
Circuit Board Material: .014” FR-4 (εr = 4.6),
4 layers (other layers added for rigidity), .062” total thickness, 1 oz copper
The main microstrip line has a line impedance of 50
.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C4, C8, C10
22 pF
Chip capacitor
0603
C2, C3
1.5 pF
Chip capacitor
0603
C7, C11
1000 pF
Chip capacitor
0603
C12
0.1 µF
Chip capacitor
1206
L1, L2
12 nH
Wirewound chip inductor
0805
L3
3.3 nH
Multilayer chip inductor
0603
R1
5.1
Chip resistor
0603
R2
50
Chip resistor
0603
Q1
FP31QF
WJ 2W HFET
QFN 6x6
C5, C6
Do Not Place
• The C2 and C3 placements are at silk screen markers, “A” and “2”, respectively.
• The via hole spacing along the main microstrip line is .040”.
• The distance from the edge of the FP31QF to the closer edge of L3 is .305”.
• The transmission line lengths shown in the schematic are from the FP31QF
device edge to the component edge.
ID=R1
R=5.1 Ohm
ID=C1
C=22 pF
ID=L2
L=12 nH
ID=C10
C=22 pF
ID=C11
C=1000 pF
ID=C12
C=1e5 pF
ID=C4
C=22 pF
ID=C8
C=22 pF
ID=C7
C=1000 pF
ID=C3
C=1.5 pF
ID=L1
L=12 nH
ID=R2
R=51 Ohm
ID=L3
L=3.3 nH
TLINP
ID=TL2
Z0=50 Ohm
L=180 mil
Eeff=3.46
Loss=0
F0=0 MHz
ID=C2
C=1.5 pF
TLINP
ID=TL1
Z0=50 Ohm
L=150 mil
Eeff=3.46
Loss=0
F0=0 MHz
1
2
NET="FP31QF"
-Vgg
Vds=9V @ 450 mA
C2
C3


유사한 부품 번호 - FP31QF_06

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP31QF-F WJCI-FP31QF-F Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF-PCB1900 WJCI-FP31QF-PCB1900 Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF-PCB2140 WJCI-FP31QF-PCB2140 Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF-PCB900 WJCI-FP31QF-PCB900 Datasheet
576Kb / 13P
   2-Watt HFET
More results

유사한 설명 - FP31QF_06

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com