전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP31QF-PCB1900 데이터시트(PDF) 6 Page - WJ Communication. Inc.

부품명 FP31QF-PCB1900
상세설명  2-Watt HFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WJCI [WJ Communication. Inc.]
홈페이지  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF-PCB1900 데이터시트(HTML) 6 Page - WJ Communication. Inc.

Back Button FP31QF-PCB1900 Datasheet HTML 2Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 3Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 4Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 5Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 6Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 7Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 8Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 9Page - WJ Communication. Inc. FP31QF-PCB1900 Datasheet HTML 10Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 6 of 12 October 2006
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
FP31QF-PCB1900 Application Circuit Performance Plots
S11vs. Frequency
-30
-25
-20
-15
-10
-5
0
1930
1950
1970
1990
Frequency (MHz)
-40C
+25C
+85C
S21vs. Frequency
11
12
13
14
15
16
1930
1950
1970
1990
Frequency (MHz)
-40C
+25C
+85C
S22vs. Frequency
-30
-25
-20
-15
-10
-5
0
1930
1950
1970
1990
Frequency (MHz)
-40C
+25C
+85C
P1dBvs. Frequency
26
28
30
32
34
36
1930
1950
1970
1990
Frequency (MHz)
-40c
+25c
+85c
NoiseFigure vs. Frequency
0
1
2
3
4
5
6
1930
1950
1970
1990
Frequency (MHz)
-40c
+25c
+85c
ACPRvs. Channel Power
IS-95, 9Ch. Forward, ±885kHz offset, 30 kHzMeas BW
-75
-65
-55
-45
-35
22
23
24
25
26
27
28
29
Output Channel Power (dBm)
-40C
+25C
+85C
freq =1960MHz
OIP3vs. Temperature
40
42
44
46
48
50
-40
-15
10
35
60
85
Temperature (°C)
freq= 1960, 1961MHz
+18 dBm/ tone
IMDproducts vs. Output Power
fundamental frequency=1960, 1961MHz; Temp =+25°C
-100
-80
-60
-40
-20
4
8
12
16
20
24
28
Output Power (dBm)
IMD_Low
IMD_High
OIP3vs. Output Power
fundamental frequency=1960, 1961MHz; Temp =+25°C
30
35
40
45
50
4
8
12
16
20
24
28
Output Power (dBm)
Output Power / Gainvs. Input Power
frequency= 1960MHz, Temp =-40°C
6
8
10
12
14
16
2
6
10
14
18
22
26
Input Power (dBm)
16
20
24
28
32
36
Output Power
Gain
Output Power / Gainvs. Input Power
frequency=1960MHz, Temp=+25°C
6
8
10
12
14
16
2
6
10
14
18
22
26
Input Power (dBm)
16
20
24
28
32
36
Output Power
Gain
Output Power / Gainvs. Input Power
frequency=1960MHz, Temp=+85°C
6
8
10
12
14
16
2
6
10
14
18
22
26
Input Power (dBm)
16
20
24
28
32
36
Output Power
Gain


유사한 부품 번호 - FP31QF-PCB1900

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP31QF-PCB1900 WJCI-FP31QF-PCB1900 Datasheet
576Kb / 13P
   2-Watt HFET
More results

유사한 설명 - FP31QF-PCB1900

제조업체부품명데이터시트상세설명
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com