전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE33284A 데이터시트(PDF) 2 Page - NEC

부품명 NE33284A
상세설명  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NE33284A 데이터시트(HTML) 2 Page - NEC

  NE33284A Datasheet HTML 1Page - NEC NE33284A Datasheet HTML 2Page - NEC NE33284A Datasheet HTML 3Page - NEC NE33284A Datasheet HTML 4Page - NEC NE33284A Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TRANSCONDUCTANCE vs. DRAIN CURRENT
VDS = 2.0 V
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGRF
Gate Current
µA
280
PIN
RF Input (CW)
dBm
15
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
PT
Total Power Dissipation
mW
165
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Note:
1.Operation in excess of any one of these conditions may result in
permanent damage.
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Drain Current, IDS (mA)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
Drain Current, IDS (mA)
TYPICAL NOISE PARAMETERS (TA = 25°C)
VDS = 2 V, IDS = 10 mA
FREQ.
NFOPT
GA
ΓOPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
1
0.29
21.3
0.85
28
0.48
2
0.31
18.3
0.82
40
0.27
4
0.35
15.0
0.74
62
0.16
6
0.42
13.5
0.67
85
0.13
8
0.52
12.2
0.59
107
0.10
10
0.63
11.3
0.52
130
0.09
12
0.75
10.5
0.45
168
0.10
14
0.90
9.9
0.37
-146
0.14
16
1.05
9.3
0.30
-100
0.22
18
1.25
8.8
0.22
-54
0.34
NOISE FIGURE AND GAIN
vs. DRAIN CURRENT
VDS = 2 V, f = 12 GHz
NE33284A
Infinite
Heat sink
0
25
50
75
100
125
150
175
200
300
250
200
150
100
50
0
Free Air
120
100
80
60
40
20
0
0
10
20
304050
50
40
30
20
10
0
0
0.5
-0.1 V
-0.2 V
-0.3 V
-0.4 V
-0.5 V
1
1.5
2
2.5
3
VGS = 0 V
0
5
10
15
20
25
30
35
40
2
1.6
1.2
0.8
0.4
0
16
14
12
10
8
6
GA
NF
Tuned @ 10 mA only
Tuned @ 10 mA only
Tuned @ each IDS
Tuned @ each IDS


유사한 부품 번호 - NE33284A

제조업체부품명데이터시트상세설명
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE33284A-SL NEC-NE33284A-SL Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE33284A-T1 NEC-NE33284A-T1 Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A-T1A NEC-NE33284A-T1A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

유사한 설명 - NE33284A

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com