전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE33284A 데이터시트(PDF) 4 Page - NEC

부품명 NE33284A
상세설명  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NE33284A 데이터시트(HTML) 4 Page - NEC

  NE33284A Datasheet HTML 1Page - NEC NE33284A Datasheet HTML 2Page - NEC NE33284A Datasheet HTML 3Page - NEC NE33284A Datasheet HTML 4Page - NEC NE33284A Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
KS21
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
VDS = 2 V, IDS = 20 mA
0.1
.999
-2.0
7.099
178.3
.002
89.3
.536
-1.2
0.2
.999
-4.3
7.053
175.9
.004
88.4
.536
-2.7
0.5
.995
-11.2
7.053
169.4
.010
83.2
.536
-7.0
1.0
.977
-22.7
6.935
158.7
.019
76.7
.532
-13.9
2.0
.919
-43.9
6.540
138.8
.037
67.0
.506
-26.3
3.0
.847
-63.8
6.026
120.3
.051
57.5
.473
-38.2
4.0
.769
-81.5
5.485
103.9
.064
48.6
.446
-47.9
5.0
.693
-97.9
4.991
89.0
.074
41.5
.412
-57.4
6.0
.625
-113.5
4.558
75.2
.082
35.3
.382
-66.2
7.0
.574
-128.4
4.181
61.9
.090
29.7
.360
-75.7
8.0
.533
-141.7
3.865
50.4
.099
24.7
.353
-83.9
9.0
.496
-153.9
3.614
38.7
.107
19.6
.347
-91.9
10.0
.455
-167.0
3.423
27.0
.116
13.8
.341
-100.7
11.0
.414
178.7
3.256
15.8
.126
8.2
.327
-109.0
12.0
.391
162.5
3.098
4.2
.133
2.2
.315
-119.4
13.0
.387
145.8
2.975
-7.1
.141
-4.6
.293
-131.7
14.0
.384
131.2
2.873
-17.9
.149
-10.8
.288
-144.0
15.0
.369
114.7
2.783
-29.9
.160
-18.3
.290
-156.5
16.0
.364
95.6
2.713
-42.0
.165
-27.1
.289
-170.3
17.0
.368
75.8
2.622
-54.7
.175
-35.5
.289
174.4
18.0
.400
59.4
2.529
-66.7
.181
-44.9
.286
158.9
19.0
.434
47.6
2.459
-78.7
.182
-55.1
.280
140.9
20.0
.468
32.4
2.386
-92.0
.185
-65.8
.275
122.3
0.05
17.0
35.5
0.03
17.0
32.5
0.08
17.0
28.5
0.17
16.8
25.6
0.31
16.3
22.5
0.44
15.6
20.7
0.57
14.9
19.3
0.69
14.0
18.3
0.80
13.2
17.4
0.87
12.4
16.7
0.91
11.7
15.9
0.95
11.2
15.3
0.98
10.7
14.7
1.01
10.2
13.4
1.03
9.8
12.6
1.03
9.5
12.1
1.02
9.2
12.0
1.01
8.9
12.0
1.01
8.7
11.6
0.99
8.4
11.8
0.97
8.1
11.4
0.96
7.8
11.3
0.95
7.5
11.1
PART NUMBER
AVAILABILITY
PACKAGE
NE33284AS
Bulk up to 1K
84AS
NE33284A-T1
1K/Reel
84AS
ORDERING INFORMATION1
Note:
Long leaded (1.7 mm min.) 84ASL package available upon request in
bulk quantities up to 1000 pcs. To order specify NE33284A-SL.
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
OUTLINE DIMENSIONS (Units in mm)
NE33284A
PACKAGE OUTLINE 84AS
NE33284A
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
1.78
± 0.2
0.5
± 0.1
(ALL LEADS
)
1.0
±0.2 (ALL LEADS)
1.78
± 0.2
1.7 MAX
0.1
+0.07
-0.03
S
S
D
G
Part Number Designator (Letter).
When the letter is upright,
the gate lead is to the right.
U


유사한 부품 번호 - NE33284A

제조업체부품명데이터시트상세설명
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE33284A-SL NEC-NE33284A-SL Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE33284A-T1 NEC-NE33284A-T1 Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A-T1A NEC-NE33284A-T1A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

유사한 설명 - NE33284A

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com