전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE34018-A 데이터시트(PDF) 4 Page - California Eastern Labs

부품명 NE34018-A
상세설명  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

NE34018-A 데이터시트(HTML) 4 Page - California Eastern Labs

  NE34018-A Datasheet HTML 1Page - California Eastern Labs NE34018-A Datasheet HTML 2Page - California Eastern Labs NE34018-A Datasheet HTML 3Page - California Eastern Labs NE34018-A Datasheet HTML 4Page - California Eastern Labs NE34018-A Datasheet HTML 5Page - California Eastern Labs NE34018-A Datasheet HTML 6Page - California Eastern Labs NE34018-A Datasheet HTML 7Page - California Eastern Labs NE34018-A Datasheet HTML 8Page - California Eastern Labs NE34018-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NE34018
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.50
0.978
-17.0
6.806
162.8
0.018
80.1
0.723
-7.5
0.178
25.776
0.60
0.969
-20.3
6.731
159.7
0.022
78.7
0.719
-9.1
0.200
24.857
0.70
0.960
-23.6
6.691
156.5
0.025
77.3
0.712
-10.5
0.224
24.276
0.80
0.949
-26.9
6.624
153.4
0.028
75.5
0.706
-12.0
0.253
23.740
0.90
0.938
-30.1
6.559
150.3
0.032
73.6
0.698
-13.4
0.281
23.117
1.00
0.924
-33.3
6.502
147.2
0.035
72.4
0.690
-14.9
0.307
22.690
1.20
0.897
-39.8
6.371
141.2
0.041
69.2
0.673
-17.8
0.356
21.914
1.40
0.865
-46.0
6.217
135.3
0.047
66.3
0.655
-20.6
0.410
21.215
1.60
0.831
-52.4
6.065
129.5
0.053
63.4
0.635
-23.4
0.460
20.586
1.80
0.796
-58.7
5.912
123.9
0.058
60.7
0.614
-26.1
0.509
20.083
2.00
0.757
-65.1
5.750
118.3
0.063
58.1
0.594
-28.8
0.560
19.603
2.50
0.658
-81.9
5.336
105.0
0.074
51.7
0.546
-35.3
0.677
18.580
3.00
0.563
-100.1
4.909
92.4
0.083
46.5
0.501
-41.2
0.782
17.719
3.50
0.483
-119.7
4.478
80.8
0.091
41.8
0.463
-45.9
0.873
16.920
4.00
0.432
-139.4
4.080
70.2
0.097
38.1
0.429
-49.5
0.952
16.239
4.50
0.409
-157.2
3.733
60.8
0.103
35.1
0.388
-53.3
1.018
14.771
5.00
0.406
-171.0
3.448
52.3
0.109
33.2
0.363
-53.8
1.057
13.538
5.50
0.408
179.2
3.223
44.5
0.117
31.6
0.327
-55.6
1.085
12.618
6.00
0.411
171.4
3.050
37.0
0.126
29.9
0.293
-58.3
1.097
11.939
6.50
0.408
163.8
2.906
29.4
0.136
27.5
0.259
-62.8
1.106
11.320
7.00
0.397
154.5
2.782
21.5
0.145
24.1
0.232
-71.3
1.117
10.752
7.50
0.383
140.6
2.672
13.2
0.156
20.8
0.211
-83.2
1.112
10.298
8.00
0.376
123.6
2.560
4.4
0.166
16.5
0.204
-99.5
1.104
9.917
VDS = 2 V, IDS = 10 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S11
0.5 GHz
S11
8 GHz
S22
0.5 GHz
S22
8 GHz
2.50
5.00
90˚
270˚
180˚
225˚
315˚
135˚
45˚
S12
8 GHz
0.05
0.10
0.15
S12
0.5 GHz
S21
0.5 GHz
S21
8 GHz


유사한 부품 번호 - NE34018-A

제조업체부품명데이터시트상세설명
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

유사한 설명 - NE34018-A

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com