전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33976DWR2 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MC33976DWR2
상세설명  Dual Gauge Driver with Configurable esponse Time
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33976DWR2 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33976DWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33976DWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Document Number: MC33976
Rev 4.0, 1/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Dual Gauge Driver with
Configurable Response Time
The 33976 is a single-packaged, Serial Peripheral Interface (SPI)
controlled, dual step motor gauge driver integrated circuit (IC). This
monolithic IC consists of four dual output H-Bridge coil drivers and the
associated control logic. Each pair of H-Bridge drivers is used to
automatically control the speed, direction, and magnitude of current
through the two coils of a two-phase instrumentation step motor,
similar to an MMT-licensed AFIC 6405 or Switec MS-X15.xxx motor.
The 33976 is ideal for use in automotive instrumentation systems
requiring distributed and flexible step motor gauge driving. The
device also eases the transition to step motors from air core motors
by emulating the air core pointer movement with little additional
processor bandwidth utilization.
Features
•MMT-Licensed Two-Phase Step Motor Compatible
•Switec MS-X15.xxx Step Motor Compatible
•Minimal Processor Overhead Required
•Fully Integrated Pointer Movement and Position State Machine
with Channel-Independent Configurable Pointer Movement
•4096 Possible Steady State Pointer Positions
•340° Maximum Pointer Sweep
•Maximum Acceleration of 4500°/s2
•Maximum Pointer Velocity of 400°/s
•Analog Microstepping (12 Steps/Degree of Pointer Movement)
•Pointer Calibration and Return to Zero (RTZ)
•SPI-Controlled 16-Bit Word
•Calibratable Internal Clock
•Low Sleep Mode Current
•Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33976 Simplified Application Diagram
CONFIGURABLE DUAL GAUGE DRIVER
33976
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33976DW/R2
-40°C to 125°C
24 SOICW
MCZ33976EG/R2
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42344B
24-PIN SOICW
5.0 V
Regulator
MCU
V
PWR
VPWD
33976
V
DD
RTZ
RST
CS
SCLK
SI
SO
GND
Motor 0
SIN0+
SIN0-
COS0+
COS0-
Motor 1
SIN1+
SIN1-
COS1+
COS1-
VDD


유사한 부품 번호 - MC33976DWR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33976DW/R2 FREESCALE-MC33976DW/R2 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
More results

유사한 설명 - MC33976DWR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
   Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com