전자부품 데이터시트 검색엔진 |
|
MC34702EK 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC34702EK 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 38 page Analog Integrated Circuit Device Data Freescale Semiconductor 11 34702 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS CONTROL AND SUPERVISORY CIRCUITS Enable (EN1, EN2) Input Voltage Threshold VTH_EN 1.0 1.5 2.0 V Enable (EN1, EN2) Pulldown Resistance RPU 30 55 90 k Ω RST Low-Level Output Voltage, IOL = 5.0 mA VOL –– 0.4 V RST Leakage Current, OFF State, Pulled Up to 5.25 V ILKG-RST –– 10 µA RST Undervoltage Threshold on VOUT ( ∆VOUT/VOUT) (17) VOUTITh -14 – -0.5 % RST Overvoltage Threshold on VOUT ( ∆VOUT/VOUT) (17) VOUTITh 0.5 – 14 % RST Undervoltage Threshold on VLDO ( ∆VLDO/VLDO) (17) VLDOITh -12 – -4.0 % RST Overvoltage Threshold on VLDO ( ∆VLDO/VLDO) (17) VLDOITh 4.0 – 12 % RST Timer Voltage Threshold VTH-RT 1.0 1.2 1.5 V RST Timer Source Current (RT pin at 0 V) IS-RT -17–-34 mA RST Timer Leakage Current ILKG-RT -1.0 – 1.0 µA RST Timer Saturation Voltage, Reset Timer Current = 300 µAV SAT-RT – 35 100 mV Maximum Recommended Value of the Reset Timer Capacitor Ct –– 47 µF CLKSEL Threshold Voltage VTHCLKS 1.2 1.6 2.0 V CLKSEL Pullup Resistance RPU-CLKS 60 120 240 k Ω ADDR Threshold Voltage (17) VTHADDR 1.2 1.6 2.0 V ADDR Pullup Resistance RPU-ADDR 60 120 240 k Ω Thermal Shutdown (IC sensor) (17) TLIM 150 170 190 °C Thermal Shutdown Hysteresis (17) TLIMHYS –10 – °C SDA, SCL PINS I2C BUS (STANDARD) Input Threshold Voltage (Pin SCL), Rising Edge (17) VLTH 1.3 – 1.7 V Input Threshold Voltage (Pin SDA) VLTH 1.3 – 1.7 V SDA, SCL Input Current, Input Voltage = 5.25 V (VIN1) II – 1.0 10 µA SDA Low-Level Output Voltage, 3.0 mA Sink Current VOL –– 0.4 V SDA, SCL Capacitance (17) CINPUT –7.0 10 pF Notes 17. Design information only. This parameter is not production tested. Table 3. Static Electrical Characteristics (continued) Characteristics noted under conditions -40°C ≤ TA ≤ 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using the typical application circuit (see Figure 33) unless otherwise noted. Characteristic Symbol Min Typ Max Unit |
유사한 부품 번호 - MC34702EK |
|
유사한 설명 - MC34702EK |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |