전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34920EIR2 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc

부품명 MC34920EIR2
상세설명  2.8 ohm (Typ) Quad H-Bridge Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34920EIR2 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC34920EIR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34920EIR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34920
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 21 V VVB+ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless
otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SERIAL INPUT PORT TIMING
Serial Clock Frequency
fCLK
4.0
12
MHz
SCLK High Width
tCLH
41.667
125
ns
SCLK Low Width
tCLL
41.667
125
ns
Delay CS Falling to First SCLK Rising
tCS-SCLK
83.333
250
ns
Delay Last SCLK Rising Edge to CS Rising
tSCLK-CS
83.333
250
ns
Data Valid to SCLK Set-Up Time
tDSU
41.667
125
ns
Data Hold Time
tDHD
41.667
125
ns
SDI Rise Time
tRD
5.0
10
ns
SDI Fall Time
tFD
5.0
10
ns
SCLK Rise/Fall Time
tRFC
5.0
10
ns
CS Off-Time (tDHD + tDSU)
tNCS-OFF
83.333
250
ns
V1 AND V2 VOLTAGE REGULATORS
Clock Frequency Overtemperature
fOP
175
200
225
kHz
V1 Duty Cycle
V1_DC
35
37.5
40
%
V2 Duty Cycle
V2_DC
80
82.5
85
%
BIPOLAR CURRENT REGULATED STEP MOTOR DRIVE SYSTEM
Shoot-Through Delay
tDEAD
15
200
350
ns
Off-Time
tOFF
20
29
38
µs
Current Blanking Time
tBLANK
300
750
ns
DC MOTOR DRIVE SYSTEM
PWM Frequency
TA = 25°C
fPWM
20
21
kHz
Shoot-Through Delay
tDEAD
15
180
350
ns
Overcurrent Off-Time
tOC_OFF
10
40
70
µs


유사한 부품 번호 - MC34920EIR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
More results

유사한 설명 - MC34920EIR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
   2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
   1.2A Quad H-Bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
   Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
   H-Bridge Motor Driver/Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com