전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145011ED 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 MC145011ED
상세설명  Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145011ED 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  MC145011ED Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sensors
4
Freescale Semiconductor
MC145011
Table 3. AC Electrical Characteristics
(Reference Timing Diagram Figure 6 and Figure 7) (TA = 25°C, VDD = 9.0 V, Component Values from Figure 8: R1 = 100.0 KΩ,
C3 = 1500.0 pF, R2 = 10.0 M
Ω)
No.
Characteristic
Symbol
Test Condition
Min
Max
Unit
1
Oscillator Period(1)
1. Oscillator period T (= TR + TF) is determined by the external components R1, R2, and C3 where TR = (0.6931) R2 C3 and
TF = (0.6931) R1 C3. The other timing characteristics are some multiple of the oscillator timing as shown in the table.
1/fOSC
Free-Running Sawtooth
Measured at Pin 12
9.5
11.5
ms
2
LED Status
tLED
No Local Smoke, and
No Remote Smoke
Illuminated
3
Remote Smoke, but
No Local Smoke
Illuminated
4
Local Smoke or Push
button Test
Extinguished
5
STROBE Pulse Width
tW(STB)
9.5
11.5
ms
6
IRED Pulse Period
tIRED
Smoke Test
9.67
11.83
s
7
Chamber Sensitivity Test,
without Local Smoke
38.9
47.1
8
Push button Test
0.302
0.370
9
IRED Pulse Width
tw(IRED)
94
116
µs
10
IRED Rise Time
tR
30
µs
IRED Fall Time
tF
200
11
SILVER and BRASS Modulation Period
tMOD
Local or Remote Smoke
297
363
ms
11, 12
SILVER and BRASS Duty Cycle
tON/tMOD
Local or Remote Smoke
73
77
%
13
SILVER and BRASS Chirp Pulse Period
tCH
Low Supply or Degraded
Chamber Sensitivity
38.9
47.1
s
14
SILVER and BRASS Chirp Pulse Width
tW(CH)
Low Supply or Degraded
Chamber Sensitivity
9.5
11.5
ms
15
Rising Edge on I/O to Smoke Alarm Response Time
tRR
Remote Smoke,
No Local Smoke
800
ms
16
Strobe Pulse Period
tSTB
Smoke Test
9.67
11.83
s
17
Chamber Sensitivity Test,
without Local Smoke
38.9
47.1
18
Low Supply Test,
without Local Smoke
38.9
47.1
19
Push button Test
0.302
0.370
Table 4. Pin Description
Pin No.
Pin Name
Description
1
C1
A capacitor connected to this pin as shown in Figure 8. determines the gain of the on-chip photo amplifier during push
button test and chamber sensitivity test (high gain). The capacitor value is chosen such that the alarm is tripped from
background reflections in the chamber during push button test.
Av ≈ 1 + (C1/10) where C1 is in pF. CAUTION: The value of the closed-loop gain should not exceed 10,000.
2
C2
A capacitor connected to this pin as shown in Figure 8. determines the gain of the on-chip photo amplifier except during
push button or chamber sensitivity tests.
Av ≈ 1 + (C2/10) where C2 is in pF. This gain increases about 10% during the IRED pulse, after two consecutive local
smoke detections.
Resistor R14 must be installed in series with C2. R14
≈ [1/(12√C2)] - 680 where R14 is in ohms and C2 is in farads.
3
DETECT
This input to the high-gain pulse amplifier is tied to the cathode of an external photodiode. The photodiode should have
low capacitance and low dark leakage current. The diode must be shunted by a load resistor and is operated at zero
bias.
The Detect input must be ac/dc decoupled from all other signals, VDD, and VSS. Lead length and/or foil traces to this
pin must be minimized, also. See Figure 9.


유사한 부품 번호 - MC145011ED

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010DW FREESCALE-MC145010DW Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010ED FREESCALE-MC145010ED Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010P FREESCALE-MC145010P Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

유사한 설명 - MC145011ED

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
   Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com