전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASC7531A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 ASC7531A
상세설명  LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7531A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  ASC7531A Datasheet HTML 1Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 2Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 3Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 4Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 5Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 6Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 7Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7531A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
- 3 -
© Andigilog, Inc. 2006
www.andigilog.com
December 2006 - 70A05012
aSC7531A / aSC7531B
Pin Descriptions
Pin #
Name
Direction
Description
1
VDD (3.3V)
Supply
Supply Voltage, 3.3V +/- 10% (measured 3.3V input)
2
GND
Supply
Ground
3
D+
Current Source
Remote Diode Anode or Positive Lead
4
D-
Current Sink
Remote Diode Cathode or Negative Lead
5
12V
Input
12V PC System Supply Voltage
6
5V
Input
5V PC System Supply Voltage
7
VCCP
Input
CPU Core Voltage (1.2V to 1.5V)
8
2.5V
Input
2.5 V PC System Supply Voltage
9
ADD0
Input
Device Address Tri-State selector: Ground, Float or VDD
10
SST
Input
Digital Input / Output. SST Bi-directional Data Line.
Figure 1. Block Diagram
ADD0
SST
VSS
On-Chip
Sensor
Control and SST Interface
ADC
Remote Diode
Open / Short
Vccp Voltage
D +
D -
3.3V (VDD)
5V
2.5V
VCCP
12V
2.5V Voltage
3.3V Voltage
5V Voltage
12V Voltage
On-Chip Temperature
Remote Temperature
DIB Register


유사한 부품 번호 - ASC7531A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511D8 ETC2-ASC7511D8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7511M8 ETC2-ASC7511M8 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
ASC7512D8 ETC2-ASC7512D8 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results

유사한 설명 - ASC7531A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
List of Unclassifed Man...
ASC7521A ETC2-ASC7521A Datasheet
276Kb / 18P
   LOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75 Datasheet
532Kb / 15P
   Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
   2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com