전자부품 데이터시트 검색엔진 |
|
C0805C100CCGAC 데이터시트(PDF) 9 Page - Kemet Corporation |
|
C0805C100CCGAC 데이터시트(HTML) 9 Page - Kemet Corporation |
9 / 9 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CERAMIC CHIP CAPACITORS Packaging Information CAPACITOR MARKING TABLE (Marking Optional - Not Available for 0402 Size or Y5V Dielectric) A B C D E F G H J K L M N P Q R S T U V W X Y Z a b d e f m n t y 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 0.25 0.35 0.40 0.45 0.50 0.60 0.70 0.80 0.90 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 2.5 3.5 4.0 4.5 5.0 6.0 7.0 8.0 9.0 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 25 35 40 45 50 60 70 80 90 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 250 350 400 450 500 600 700 800 900 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 9100 2500 3500 4000 4500 5000 6000 7000 8000 9000 10,000 11,000 12,000 13,000 15,000 16,000 18,000 20,000 22,000 24,000 27,000 30,000 33,000 36,000 39,000 43,000 47,000 51,000 56,000 62,000 68,000 75,000 82,000 91,000 25,000 35,000 40,000 45,000 50,000 60,000 70,000 80,000 90,000 100,000 110,000 120,000 130,000 150,000 160,000 180,000 200,000 220,000 240,000 270,000 300,000 330,000 360,000 390,000 430,000 470,000 510,000 560,000 620,000 680,000 750,000 820,000 910,000 250,000 350,000 400,000 450,000 500,000 600,000 700,000 800,000 900,000 Alpha Character Numeral 9 01 2 3 4 5 Capacitance (pF) For Various Numeral Identifiers 1,000,000 1,100,000 1,200,000 1,300,000 1,500,000 1,600,000 1,800,000 2,000,000 2,200,000 2,400,000 2,700,000 3,000,000 3,300,000 3,600,000 3,900,000 4,300,000 4,700,000 5,100,000 5,600,000 6,200,000 6,800,000 7,500,000 8,200,000 9,100,000 2,500,000 3,500,000 4,000,000 4,500,000 5,000,000 6,000,000 7,000,000 8,000,000 9,000,000 7 10,000,000 11,000,000 12,000,000 13,000,000 15,000,000 16,000,000 18,000,000 20,000,000 22,000,000 24,000,000 27,000,000 30,000,000 33,000,000 36,000,000 39,000,000 43,000,000 47,000,000 51,000,000 56,000,000 62,000,000 68,000,000 75,000,000 82,000,000 91,000,000 25,000,000 35,000,000 40,000,000 45,000,000 50,000,000 60,000,000 70,000,000 80,000,000 90,000,000 6 Laser marking is available as an extra-cost option for most KEMET ceramic chips. Such marking is two sided, and includes a K to identify KEMET, followed by two characters (per EIA-198 - see table below) to identify the capacitance value. Note that marking is not available for size 0402 nor for any Y5V chip. In addition, the 0603 marking option is limited to the K only. Example shown is 1,000 pF capacitor. KA3 Table 2 – Capacitance Values Available In Bulk Cassette Packaging 0402 0603 0805 All All C0G X7R Y5V All All 109 109 109 221 221 221 221 221 104 104 All All 181 331 102 392 103 273 104 104 224 224 Case Size Dielectric Voltage Min. Cap Value Max. Cap Value All All 200 100 50 200 100 50 25 16 25 16 Terminations: KEMET nickel barrier layer with a tin overplate. 0.3 0.7 0.75 EIA Size Code Length L Width W Thickness T Bandwidth B Minimum Separation S Metric Size Code Number of Pcs/Cassette 50,000 15,000 10,000 0402 0603 0805 1.0 ± 0.05 1.6 ± 0.07 2.0 ± 0.10 0.5 ± 0.05 0.8 ± 0.07 1.25 ± 0.10 0.5 ± .05 0.8 ± .07 0.6 ± .10 0.2 to 0.4 0.2 to 0.5 0.5 to 0.75 1005 1608 2012 Table 1 – Capacitor Dimensions for Bulk Cassette Packaging – Millimeters Unit: mm * Reference 110 ± 0.7 5.0* 10* 53.3* 3.0 ± 00.2 2.0 ± 0.1 0 1.5 ± 00.1 Bulk Cassette Packaging (Ceramic Chips only) (Meets Dimensional Requirements IEC-286-6 and EIAJ 7201) 97 |
유사한 부품 번호 - C0805C100CCGAC |
|
유사한 설명 - C0805C100CCGAC |