전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP64-06W 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BAP64-06W
상세설명  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-06W 데이터시트(HTML) 3 Page - NXP Semiconductors

  BAP64-06W Datasheet HTML 1Page - NXP Semiconductors BAP64-06W Datasheet HTML 2Page - NXP Semiconductors BAP64-06W Datasheet HTML 3Page - NXP Semiconductors BAP64-06W Datasheet HTML 4Page - NXP Semiconductors BAP64-06W Datasheet HTML 5Page - NXP Semiconductors BAP64-06W Datasheet HTML 6Page - NXP Semiconductors BAP64-06W Datasheet HTML 7Page - NXP Semiconductors BAP64-06W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Apr 17
3
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-06W
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF = 50 mA
0.95
1.1
V
IR
reverse current
VR = 100 V
10
µA
VR =20V
1
µA
Cd
diode capacitance
VR = 0; f = 1 MHz
0.52
pF
VR = 1 V; f = 1 MHz
0.37
pF
VR = 20 V; f = 1 MHz
0.23
0.35
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
20
40
IF = 1 mA; f = 100 MHz; note 1
10
20
IF = 10 mA; f = 100 MHz; note 1
2
3.8
IF = 100 mA; f = 100 MHz; note 1
0.7
1.35
|s
21|
2
isolation
VR = 0; f = 900 MHz
18.5
dB
VR = 0; f = 1800 MHz
13.5
dB
VR = 0; f = 2450 MHz
10.9
dB
|s
21|
2
insertion loss
IF = 0.5 mA; f = 900 MHz
1.86
dB
IF = 0.5 mA; f = 1800 MHz
2.06
dB
IF = 0.5 mA; f = 2450 MHz
2.23
dB
|s
21|
2
insertion loss
IF = 1 mA; f = 900 MHz
1.01
dB
IF = 1 mA; f = 1800 MHz
1.06
dB
IF = 1 mA; f = 2450 MHz
1.10
dB
|s
21|
2
insertion loss
IF = 10 mA; f = 900 MHz
0.19
dB
IF = 10 mA; f = 1800 MHz
0.21
dB
IF = 10 mA; f = 2450 MHz
0.27
dB
|s
21|
2
insertion loss
IF = 100 mA; f = 900 MHz
0.08
dB
IF = 100 mA; f = 1800 MHz
0.10
dB
IF = 100 mA; f = 2450 MHz
0.16
dB
τL
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
1.55
−µs
LS
series inductance
IF = 100 mA; f = 100 MHz
1.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
250
K/W


유사한 부품 번호 - BAP64-06W

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP64-06W NXP-BAP64-06W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Jiangsu Changjiang Elec...
BAP64-06W JIANGSU-BAP64-06W Datasheet
650Kb / 5P
   Pin Diode
logo
Micro Commercial Compon...
BAP64-06W MCC-BAP64-06W Datasheet
517Kb / 3P
   Low diode capacitance
BAP64-06W MCC-BAP64-06W Datasheet
299Kb / 2P
   General Purpose Pin Diodes 200mW
logo
SeCoS Halbleitertechnol...
BAP64-06WS SECOS-BAP64-06WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
More results

유사한 설명 - BAP64-06W

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com