전자부품 데이터시트 검색엔진 |
|
FM1200W 데이터시트(PDF) 1 Page - Rectron Semiconductor |
|
FM1200W 데이터시트(HTML) 1 Page - Rectron Semiconductor |
1 / 2 page SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION FEATURES * Low switching noise * Low forward voltage drop * High current capability * High switching capability * High surge capabitity * High reliability MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. * Case: Molded plastic * Epoxy: Device has UL flammability classification 94V-O * Lead: MIL-STD-202E method 208C guaranteed * Metallurgically bonded construction * Mounting position: Any * Weight: 0.098 gram FM120B THRU FM160B DO-214AA MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) ELECTRICAL CHARACTERISTICS (At TA = 25 oC unless otherwise noted) NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. Dimensions in inches and (millimeters) 2002-6 CHARACTERISTICS Maximum Average Reverse Current at Rated DC Blocking Voltage VF SYMBOL IR mAmps Maximum Instantaneous Forward Voltage at 1.0A DC Volts 1.0 10 @TA = 25 oC @TA = 100 oC .55 mAmps UNITS RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) SYMBOL VRRM VDC IFSM CJ TSTG VRMS UNITS Volts Volts Volts Amps 1.0 40 50 110 Amps 0 C/ W 0 C Storage Temperature Range R θ JA IO -65 to + 125 pF Operating Temperature Range TJ FM120B 40 20 40 -65 to + 150 0 C FM160B FM150B FM140B FM130B 30 21 30 20 14 42 60 50 35 50 28 60 FM120B FM160B FM150B FM140B FM130B .70 0.012 (0.305) 0.006 (0.152) 0.008 (0.203) 0.004 (0.102) 0.220 (5.59) 0.205 (5.21) 0.030 (0.76) 0.060 (1.52) 0.084 (2.13) 0.096 (2.44) 0.160 (4.06) 0.180 (4.57) 0.130 (3.30) 0.155 (3.94) 0.083 (2.11) 0.077 (1.96) Ratings at 25 oC ambient temperature unless otherwise specified. -65 to + 150 |
유사한 부품 번호 - FM1200W |
|
유사한 설명 - FM1200W |