전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST78C36A 데이터시트(PDF) 6 Page - Exar Corporation

부품명 ST78C36A
상세설명  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36A 데이터시트(HTML) 6 Page - Exar Corporation

Back Button ST78C36A Datasheet HTML 2Page - Exar Corporation ST78C36A Datasheet HTML 3Page - Exar Corporation ST78C36A Datasheet HTML 4Page - Exar Corporation ST78C36A Datasheet HTML 5Page - Exar Corporation ST78C36A Datasheet HTML 6Page - Exar Corporation ST78C36A Datasheet HTML 7Page - Exar Corporation ST78C36A Datasheet HTML 8Page - Exar Corporation ST78C36A Datasheet HTML 9Page - Exar Corporation ST78C36A Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ST78C36/36A
xr
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.0.2
6
2.0 STANDARD DEFINITIONS
Forward direction only.
Compatible Mode: “Centronics” or standard mode.
Reverse direction only.
Nibble mode: 4 bits at a time using status lines for data “Hewlett Packard Bi-tronics”.
Bi-directional.
EPP: Enhanced Parallel port-used primarily by non-printer peripherals.
ECP: Extended Capability Port-used primarily by new generation of printers and scanners.
3.0 INTERNAL REGISTERS
3.1
DATA REGISTER (DATA )
DATA Bits 7-0:
For host output cycles in SPP mode (ECR mode 000) or PS/2 mode (ECR mode 001), data from the host is
registered at the trailing edge of -IOW. On host input cycles, data at the peripheral port is passed through to
the host data bus.
3.2
ECP FIFO ADDRESS ( ECP-AFIFO )
ECP-AFIFO Bits 7-0:
This port is only available for programmed I/O (non-DMA), and only has significance for host write. Data
written to this port is stored in the FIFO if FIFO-F = 0 and will be lost if FIFO-F = 1. A 9th FIFO bit (tag) is set
low on write. A read from this port is the same as a read at 400.
3.3
STATUS REGISTER ( DSR )
This status register is read-only except for bit-0, and all bits are latched for the duration of -IOR.
DSR Bit-0:
If EPP mode is not selected, this bit returns logic one. During EPP mode, bit-0 will return a high if the EPP 10
msecond TimeOut elapsed during the last EPP read or write cycle (this TimeOut also aborts the EPP cycle).
This status bit is cleared by exiting EPP mode or by the host writing a high to bit-0 of this register.
DSR Bits 2-1:
Reserved, logic one.
DSR Bit-3:
The true state of the -ERROR pad.
DSR Bit-4:
The true state of the SLCT pad.
DSR Bit-5:
The true state of the PE(mpty) pad.
DSR Bit-6:
The true state of the -ACK pad.
DSR Bit-7:
The complement of the BUSY pad.
3.4
CONTROL REGISTER ( DCR )
DCR Bit-0:
The complement of this bit drives -STROBE, and the complement of the pad state is returned for read.


유사한 부품 번호 - ST78C36A

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST78C36A EXAR-ST78C36A Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
643Kb / 27P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results

유사한 설명 - ST78C36A

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST78C36CJ44-F EXAR-ST78C36CJ44-F Datasheet
643Kb / 27P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
List of Unclassifed Man...
GM82C803CN ETC1-GM82C803CN Datasheet
312Kb / 84P
   2.88 MB FDC/ Dual UARTs with FIFO/PIO(EPP/ ECP)/ IDE Interface/ S-IR/ PnP
logo
Exar Corporation
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com