전자부품 데이터시트 검색엔진 |
|
7440530047 데이터시트(PDF) 7 Page - Monolithic Power Systems |
|
7440530047 데이터시트(HTML) 7 Page - Monolithic Power Systems |
7 / 9 page MP2359 – 1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6 MP2359 Rev. 1.1 www.MonolithicPower.com 7 6/23/2006 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2006 MPS. All Rights Reserved. TM Table 2—Suggested Surface Mount Inductors Manufacturer Part Number Inductance(µH) Max DCR(Ω) Current Rating (A) Dimensions L x W x H (mm3) Toko A921CY-4R7M 4.7 0.027 1.66 6 x 6.3 x 3 Sumida CDRH4D28C/LD 4.7 0.036 1.5 5.1 x 5.1 x 3 Wurth Electronics 7440530047 4.7 0.038 2.0 5.8 x 5.8 x 2.8 TYPICAL APPLICATION CIRCUITS VIN Notes: 1) D3 can be installed if VIN < 5V 2) D2 can be installed if VOUT < 5V 3) No need for both D2 and D3 VOUT 3.3V C3 22nF D1 B230A-13-F U1 D2 1N4148 (Optional) D3 1N4148 (Optional) MP2359 FB SW BS GND EN IN 1 5 4 6 3 OFF ON Figure 3—1.4MHz, 3.3V Output at 1A Step-Down Converter MP2359 SW FB BST GND IN EN 1 6 3 2 4 5 C3 10nF LED1 LED2 LED3 D1 1N5819HW-7 VIN 6V-12V OFF ON -VOUT -VOUT -VOUT -VOUT Figure 4—White LED Driver Application |
유사한 부품 번호 - 7440530047 |
|
유사한 설명 - 7440530047 |