전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B4146 데이터시트(PDF) 4 Page - EPCOS

부품명 B4146
상세설명  SAW Components Low-Loss Filter for Mobile Communication 881,50 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B4146 데이터시트(HTML) 4 Page - EPCOS

  B4146 Datasheet HTML 1Page - EPCOS B4146 Datasheet HTML 2Page - EPCOS B4146 Datasheet HTML 3Page - EPCOS B4146 Datasheet HTML 4Page - EPCOS B4146 Datasheet HTML 5Page - EPCOS B4146 Datasheet HTML 6Page - EPCOS B4146 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jun 03, 2002
SAW Components
B4146
881,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -40 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω || 68nH(balanced)
min.
typ.
max.
Center frequency
fC
881,5
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
2,8
3,1
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
1,0
1,3
dB
VSWR
869,0
... 894,0
MHz
1,8
1,9
Attenuation
α
0,0
... 824,0
MHz
50,0
60,0
dB
824,0
... 849,0
MHz
35,0
40,0
dB
924,0
... 970,0
MHz
30,0
40,0
dB
970,0
...1300,0
MHz
50,0
65,0
dB
1300,0
...2000,0
MHz
40,0
60,0
dB
2000,0
...3000,0
MHz
30,0
50,0
dB


유사한 부품 번호 - B4146

제조업체부품명데이터시트상세설명
logo
EPCOS
B4146 EPCOS-B4146 Datasheet
93Kb / 9P
   Short range devices
B4146 EPCOS-B4146_1 Datasheet
93Kb / 9P
   Short range devices
More results

유사한 설명 - B4146

제조업체부품명데이터시트상세설명
logo
EPCOS
B3851 EPCOS-B3851 Datasheet
102Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,50 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com