전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B9203 데이터시트(PDF) 4 Page - EPCOS

부품명 B9203
상세설명  SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B9203 데이터시트(HTML) 4 Page - EPCOS

  B9203 Datasheet HTML 1Page - EPCOS B9203 Datasheet HTML 2Page - EPCOS B9203 Datasheet HTML 3Page - EPCOS B9203 Datasheet HTML 4Page - EPCOS B9203 Datasheet HTML 5Page - EPCOS B9203 Datasheet HTML 6Page - EPCOS B9203 Datasheet HTML 7Page - EPCOS B9203 Datasheet HTML 8Page - EPCOS B9203 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Jun 15, 2005
SAW Components
B9203
1960 / 881,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics of Filter 1 (GSM1900)
Operating temperature range:
T
= -20 to + 75 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω || 12nH
min.
typ.
max.
Center frequency
fC
1960,0
MHz
Maximum insertion attenuation
α
max
1930,0
... 1990,0
MHz
1,5
2,2
dB
Amplitude ripple (p-p)
∆α
1930,0
... 1990,0
MHz
0,7
1,3
dB
Input VSWR
1930,0
...1990,0
MHz
1,8
2,2
Output VSWR
1930,0
...1990,0
MHz
1,9
2,2
Output phase balance (
φ(S31)−φ(S21)+180˚)
1930,0
... 1990,0
MHz
-10
-3 / 1
10
degree
Output amplitude balance
(|S31/S21|)
1930,0
... 1990,0
MHz
-1,0
-0,5 / 0,2
1,0
dB
Attenuation
α
0,0
... 1000,0
MHz
40
54
dB
1000,0
... 1810,0
MHz
28
35
dB
1810,0
... 1890,0
MHz
23
29
dB
1890,0
... 1910,0
MHz
12
18
dB
2010,0
... 2070,0
MHz
12
14
dB
2070,0
... 2400,0
MHz
22
29
dB
2400,0
... 2500,0
MHz
35
45
dB
2500,0
... 3860,0
MHz
30
36
dB
3860,0
... 3980,0
MHz
45
62
dB
3980,0
... 5790,0
MHz
30
52
dB
5790,0
... 6000,0
MHz
40
50
dB


유사한 부품 번호 - B9203

제조업체부품명데이터시트상세설명
logo
EPCOS
B9200 EPCOS-B9200 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9202 EPCOS-B9202 Datasheet
85Kb / 7P
   Low-Loss Dual Band Filter for Mobile Communication
More results

유사한 설명 - B9203

제조업체부품명데이터시트상세설명
logo
EPCOS
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B9200 EPCOS-B9200 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B4219 EPCOS-B4219 Datasheet
136Kb / 12P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com