전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4933 데이터시트(PDF) 1 Page - Won-Top Electronics

부품명 1N4933
상세설명  1.0A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4933 데이터시트(HTML) 1 Page - Won-Top Electronics

  1N4933_06 Datasheet HTML 1Page - Won-Top Electronics 1N4933_06 Datasheet HTML 2Page - Won-Top Electronics 1N4933_06 Datasheet HTML 3Page - Won-Top Electronics 1N4933_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4933 – 1N4937
1 of 4
© 2006 Won-Top Electronics
Pb
1N4933 – 1N4937
1.0A FAST RECOVERY DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-41, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N4933
1N4934
1N4935
1N4936
1N4937
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
200
nS
Typical Junction Capacitance (Note 3)
Cj
15
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


유사한 부품 번호 - 1N4933_06

제조업체부품명데이터시트상세설명
logo
Semikron International
1N4933 SEMIKRON-1N4933_06 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
More results

유사한 설명 - 1N4933_06

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
FR101 WTE-FR101_06 Datasheet
55Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
1N4933 ZSELEC-1N4933 Datasheet
132Kb / 2P
   1.0A FAST RECOVERY DIODE
FR101 ZSELEC-FR101 Datasheet
117Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
BA157 WTE-BA157_06 Datasheet
54Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
PR1001 ZSELEC-PR1001 Datasheet
134Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Naina Semiconductor ltd...
BA159 NAINA-BA159 Datasheet
107Kb / 2P
   Fast Recovery Diode, 1.0A
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR1A ZSELEC-FR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com