전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAA7388 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 SAA7388
상세설명  Error correction and host interface IC for CD-ROM ELM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7388 데이터시트(HTML) 5 Page - NXP Semiconductors

  SAA7388 Datasheet HTML 1Page - NXP Semiconductors SAA7388 Datasheet HTML 2Page - NXP Semiconductors SAA7388 Datasheet HTML 3Page - NXP Semiconductors SAA7388 Datasheet HTML 4Page - NXP Semiconductors SAA7388 Datasheet HTML 5Page - NXP Semiconductors SAA7388 Datasheet HTML 6Page - NXP Semiconductors SAA7388 Datasheet HTML 7Page - NXP Semiconductors SAA7388 Datasheet HTML 8Page - NXP Semiconductors SAA7388 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
1996 Apr 26
5
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (ELM)
SAA7388
6
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
DGND1
1
digital ground 1
RA6
2
O
buffer RAM address bus output line 6
RA7
3
O
buffer RAM address bus output line 7
RA8
4
O
buffer RAM address bus output line 8
RA9
5
O
buffer RAM address bus output line 9
RA10
6
O
buffer RAM address bus output line 10
RA11
7
O
buffer RAM address bus output line 11 (SRAM) only
RA12
8
O
buffer RAM address bus output line 12 (SRAM) only
RA13
9
O
buffer RAM address bus output line 13 (SRAM) only
RA14
10
O
buffer RAM address bus output line 14 (SRAM) only
RA15/RAS
11
O
buffer RAM address bus output line 15 (SRAM) or RAS (DRAM)
RA16/CAS
12
O
buffer RAM address bus output line 16 (SRAM) or CAS (DRAM)
RWE
13
O
buffer RAM write enable output
DGND2
14
digital ground 2
RD0
15
I/O
buffer RAM data bus bidirectional line 0
RD1
16
I/O
buffer RAM data bus bidirectional line 1
RD2
17
I/O
buffer RAM data bus bidirectional line 2
RD3
18
I/O
buffer RAM data bus bidirectional line 3
RD4
19
I/O
buffer RAM data bus bidirectional line 4
RD5
20
I/O
buffer RAM data bus bidirectional line 5
RD6
21
I/O
buffer RAM data bus bidirectional line 6
RD7
22
I/O
buffer RAM data bus bidirectional line 7
TEST2
23
I
test input 2
DGND3
24
digital ground 3
TEST1
25
I
test input 1
CROUT
26
O
clock oscillator output
CRIN
27
I
clock oscillator input
SFSY
28
I
serial subcode input frame sync input
RCK
29
O
serial subcode clock output (active LOW)
SUB
30
I
serial input for Q-to-W subcode input
BCK
31
I
serial interface bit clock input
VDDD1
32
digital supply voltage 1 (3.3 V)
WS
33
I
serial interface word clock input
DATA
34
I
serial data input
C2PO
35
I
serial interface flag input
SDA
36
I/O
sub-CPU serial data input/output
SCL
37
I
sub-CPU serial clock input
INT
38
O
sub-CPU open-collector interrupt output
RESET
39
I
power-on reset input (active LOW)
SYN
40
I
sync signal input from sub-CPU


유사한 부품 번호 - SAA7388

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7380GP PHILIPS-SAA7380GP Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7381 PHILIPS-SAA7381 Datasheet
380Kb / 108P
   ATAPI CD-R block decoder
1997 Aug 12
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382GP PHILIPS-SAA7382GP Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
More results

유사한 설명 - SAA7388

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
logo
Sanyo Semicon Device
LC89515K SANYO-LC89515K Datasheet
57Kb / 6P
   CD-ROM/CD-I Error Correction/ Host Interface LSI
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
LC8956 SANYO-LC8956 Datasheet
226Kb / 8P
   Error Correction and ADPCM Decoder IC for CD-1/CD-ROM XA Systems
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com