전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL406G 데이터시트(PDF) 4 Page - Won-Top Electronics

부품명 KBL406G
상세설명  4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBL406G 데이터시트(HTML) 4 Page - Won-Top Electronics

  KBL406G Datasheet HTML 1Page - Won-Top Electronics KBL406G Datasheet HTML 2Page - Won-Top Electronics KBL406G Datasheet HTML 3Page - Won-Top Electronics KBL406G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBL400G – KBL410G
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBL400G
SIL Bridge
500 Units/Box
KBL401G
SIL Bridge
500 Units/Box
KBL402G
SIL Bridge
500 Units/Box
KBL404G
SIL Bridge
500 Units/Box
KBL406G
SIL Bridge
500 Units/Box
KBL408G
SIL Bridge
500 Units/Box
KBL410G
SIL Bridge
500 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBL400G-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


유사한 부품 번호 - KBL406G

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
KBL406G WTE-KBL406G Datasheet
39Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBL406G GENESIC-KBL406G Datasheet
424Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
KBL406G TSC-KBL406G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBL406G JUXING-KBL406G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBL406G EIC-KBL406G Datasheet
58Kb / 2P
   GLASS PASSIVATED
More results

유사한 설명 - KBL406G

제조업체부품명데이터시트상세설명
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBU400G WTE-KBU400G_06 Datasheet
51Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBU4A WTE-GBU4A_06 Datasheet
59Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ4A WTE-GBJ4A Datasheet
61Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com