전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF3805S-7P 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF3805S-7P
상세설명  AUTOMOTIVE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF3805S-7P 데이터시트(HTML) 2 Page - International Rectifier

  IRF3805S-7P Datasheet HTML 1Page - International Rectifier IRF3805S-7P Datasheet HTML 2Page - International Rectifier IRF3805S-7P Datasheet HTML 3Page - International Rectifier IRF3805S-7P Datasheet HTML 4Page - International Rectifier IRF3805S-7P Datasheet HTML 5Page - International Rectifier IRF3805S-7P Datasheet HTML 6Page - International Rectifier IRF3805S-7P Datasheet HTML 7Page - International Rectifier IRF3805S-7P Datasheet HTML 8Page - International Rectifier IRF3805S-7P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF3805S-7P
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C,
L=0.043mH, RG = 25Ω, IAS = 140A, VGS =10V.
Part not recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to 80%
VDSS.
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
† This value determined from sample failure population. 100%
tested to this value in production.
‡ This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ of approximately 90°C.
‰ Solder mounted on IMS substrate.
S
D
G
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage55
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.05
–––
V/°C
RDS(on) SMD
Static Drain-to-Source On-Resistance
–––
2.0
2.6
m
VGS(th)
Gate Threshold Voltage2.0
–––
4.0
V
gfs
Forward Transconductance
110
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
130
200
nC
Qgs
Gate-to-Source Charge
–––
53
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
49
–––
td(on)
Turn-On Delay Time
–––23–––
ns
tr
Rise Time
–––
130
–––
td(off)
Turn-Off Delay Time
–––80–––
tf
Fall Time
–––52–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
7820
–––
pF
Coss
Output Capacitance
–––
1260
–––
Crss
Reverse Transfer Capacitance
–––
610
–––
Coss
Output Capacitance
–––
4310
–––
Coss
Output Capacitance
–––
980
–––
Coss eff.
Effective Output Capacitance
–––
1540
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
240
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
1000
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
4568ns
Qrr
Reverse Recovery Charge
–––
35
53
nC
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 140A e
TJ = 25°C, IF = 140A, VDD = 28V
di/dt = 100A/µs
e
TJ = 25°C, IS = 140A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V
d
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 44V
ƒ = 1.0MHz, See Fig. 5
RG = 2.4Ω
ID = 140A
VDS = 25V, ID = 140A
VDD = 28V
ID = 140A
VGS = 20V
VGS = -20V
VDS = 44V
VGS = 10V
e


유사한 부품 번호 - IRF3805S-7P

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3805S-7PPBF IRF-IRF3805S-7PPBF Datasheet
303Kb / 12P
   HEXFET짰 Power MOSFET
IRF3805S-7PPBF IRF-IRF3805S-7PPBF_15 Datasheet
346Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRF3805S-7P

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com