전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD717A-T1 데이터시트(PDF) 3 Page - Won-Top Electronics

부품명 MMBD717A-T1
상세설명  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD717A-T1 데이터시트(HTML) 3 Page - Won-Top Electronics

  MMBD717A-T1 Datasheet HTML 1Page - Won-Top Electronics MMBD717A-T1 Datasheet HTML 2Page - Won-Top Electronics MMBD717A-T1 Datasheet HTML 3Page - Won-Top Electronics MMBD717A-T1 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBD717 / A / C / S
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
178
3,000
187 x 187 x 65
15,000
390 x 240 x 420
150,000
10.0
Pxx
= Device Code
xx
= 70 (MMBD717)
= 72 (MMBD717A)
= 73 (MMBD717C)
= 74 (MMBD717S)
Pxx
inches(mm)
0.035
(0.90)
0.031
(0.8)
0.035
(0.90)
0.079
(2.0)
0.037
(0.95)
178mm
Product ID Label
8mm
Direction of Unreeling
8mm
4mm
1.6mm
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
Inspection Hole
TAPE & REEL
4mm


유사한 부품 번호 - MMBD717A-T1

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD717A PANJIT-MMBD717A Datasheet
44Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717A PANJIT-MMBD717A Datasheet
147Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717A PANJIT-MMBD717A Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
MMBD717AW WTE-MMBD717AW Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717AW PANJIT-MMBD717AW Datasheet
126Kb / 3P
   COMMON ANODE SCHOTTKY BARRIER DIODES
More results

유사한 설명 - MMBD717A-T1

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com