전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7210 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7210
상세설명  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7210 데이터시트(HTML) 3 Page - International Rectifier

  IRF7210 Datasheet HTML 1Page - International Rectifier IRF7210 Datasheet HTML 2Page - International Rectifier IRF7210 Datasheet HTML 3Page - International Rectifier IRF7210 Datasheet HTML 4Page - International Rectifier IRF7210 Datasheet HTML 5Page - International Rectifier IRF7210 Datasheet HTML 6Page - International Rectifier IRF7210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF7210
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
0
4
8
12
16
20
02
46
8
10
A
300µs PULSE WIDTH
T = 25°C
J
-0.8V
VGS
TOP
-1.8V
-1.6V
-1.4V
-1.2V
-1.0V
BOTTOM -0.8V
-V
, Drain-to-Source Voltage (V)
DS
0
4
8
12
16
0
2468
10
A
300µs PULSE WIDTH
T = 150°C
-0.8V
VGS
TOP
-1.8V
-1.6V
-1.4V
-1.2V
-1.0V
BOTTOM -0.8V
-V
, Drain-to-Source Voltage (V)
J
DS
0
20
40
60
80
100
120
140
0.0
2.0
4.0
6.0
8.0
T = 25°C
T = 150°C
J
J
A
V
= -10V
300µs PULSE WIDTH
DS
GS
-V
, Gate-to-Source Voltage (V)
Fig 4. Normalized On-Resistance
Vs. Temperature
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-4.5V
-16A


유사한 부품 번호 - IRF7210

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7210PBF IRF-IRF7210PBF Datasheet
547Kb / 7P
   HEXFET Power MOSFET
IRF7210PBF IRF-IRF7210PBF Datasheet
553Kb / 7P
   Ultra Low On-Resistance
IRF7210TRPBF IRF-IRF7210TRPBF Datasheet
553Kb / 7P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF7210TRPBF VBSEMI-IRF7210TRPBF Datasheet
1Mb / 6P
   P-Channel 12-V (D-S) MOSFET
More results

유사한 설명 - IRF7210

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com