전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB20150FCT 데이터시트(PDF) 3 Page - Won-Top Electronics

부품명 SB20150FCT
상세설명  20A HIGH VOLTAGE DULA SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB20150FCT 데이터시트(HTML) 3 Page - Won-Top Electronics

  SB20150FCT Datasheet HTML 1Page - Won-Top Electronics SB20150FCT Datasheet HTML 2Page - Won-Top Electronics SB20150FCT Datasheet HTML 3Page - Won-Top Electronics SB20150FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB20150FCT
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
Plain Washer
Rectifier
Heatsink
Conical Washer
6-32 HEX Nut
The full molded plastic package affords a
major reduction of hardware as compared
to a standard TO-220 package. However,
precautions should be made in mounting
procedure.
A conical washer should be used to apply
proper force to the device. Screw should
not be tightened with any type of air-forced
torque or equipment that may cause crack
on device package.
A layer of thermal grease or thermal pad in
the interface will be considerably helpful for
heat dissipation.
6-32 HEX Head Screw
WTE
SB20150FCT
WTE
= Manufacturer’s Logo
SB20150FCT
= Device Number
Polarity
= As Marked on Body


유사한 부품 번호 - SB20150FCT

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
SB20150FCT PACELEADER-SB20150FCT Datasheet
266Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB20150FCT WTE-SB20150FCT Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
logo
Won-Top Electronics
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB20150FCT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
MBR2070CT DIODES-MBR2070CT_1 Datasheet
211Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com