전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS1L30U 데이터시트(PDF) 6 Page - International Rectifier

부품명 STPS1L30U
상세설명  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

STPS1L30U 데이터시트(HTML) 6 Page - International Rectifier

  STPS1L30U Datasheet HTML 1Page - International Rectifier STPS1L30U Datasheet HTML 2Page - International Rectifier STPS1L30U Datasheet HTML 3Page - International Rectifier STPS1L30U Datasheet HTML 4Page - International Rectifier STPS1L30U Datasheet HTML 5Page - International Rectifier STPS1L30U Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STPS1L30UPbF
Bulletin PD-20405 07/04
6
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Leve and Lead-Free.
Qualification Standards can be found on IR's Web site.
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
1
5
24
3
1
-
Schottky STP Series
2
-
Current Rating (1 = 1 A)
3
-
L = Low Forward Voltage
4
-
Voltage Rating (30 = 30V)
5
-
U = SMB
6
-
none = Standard Production
PbF = Lead-Free
Tape & Reel only (3000 pieces)
STPS
1
L
30
U
PbF
6


유사한 부품 번호 - STPS1L30U

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1L30U STMICROELECTRONICS-STPS1L30U Datasheet
75Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L30U STMICROELECTRONICS-STPS1L30U Datasheet
71Kb / 7P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS1L30U VISHAY-STPS1L30U Datasheet
91Kb / 5P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
STPS1L30UPBF VISHAY-STPS1L30UPBF Datasheet
91Kb / 5P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
STPS1L30UPBF VISHAY-STPS1L30UPBF Datasheet
106Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 05-Mar-10
More results

유사한 설명 - STPS1L30U

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com