전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1C 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 ES1C
상세설명  Ultra fast low-loss controlled avalanche rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ES1C 데이터시트(HTML) 6 Page - NXP Semiconductors

  ES1C Datasheet HTML 1Page - NXP Semiconductors ES1C Datasheet HTML 2Page - NXP Semiconductors ES1C Datasheet HTML 3Page - NXP Semiconductors ES1C Datasheet HTML 4Page - NXP Semiconductors ES1C Datasheet HTML 5Page - NXP Semiconductors ES1C Datasheet HTML 6Page - NXP Semiconductors ES1C Datasheet HTML 7Page - NXP Semiconductors ES1C Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2000 Feb 14
6
Philips Semiconductors
Product specification
SMA ultra fast low-loss
controlled avalanche rectifiers
ES1 series
handbook, full pagewidth
10
1
50
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1.0
IF
(A)
IR
(A)
t
0.25
Fig.9 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.


유사한 부품 번호 - ES1C

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
110Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES1C YIXIN-ES1C Datasheet
254Kb / 2P
   Super Fast Surface Mount Rectifiers
logo
Yea Shin Technology Co....
ES1C YEASHIN-ES1C Datasheet
41Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Micro Commercial Compon...
ES1C MCC-ES1C Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

유사한 설명 - ES1C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD71 PHILIPS-BYD71 Datasheet
76Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 19
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com