전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA2164S 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 TEA2164S
상세설명  SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2164S 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button TEA2164S Datasheet HTML 3Page - STMicroelectronics TEA2164S Datasheet HTML 4Page - STMicroelectronics TEA2164S Datasheet HTML 5Page - STMicroelectronics TEA2164S Datasheet HTML 6Page - STMicroelectronics TEA2164S Datasheet HTML 7Page - STMicroelectronics TEA2164S Datasheet HTML 8Page - STMicroelectronics TEA2164S Datasheet HTML 9Page - STMicroelectronics TEA2164S Datasheet HTML 10Page - STMicroelectronics TEA2164S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SLAVE
CIRCUIT
MASTER
CIRCUIT
Sync.
Pulses
Pulse
Input
Base
Current
PWM
Signal
Synchronization
Figure 5 : Master Slave Mode Waveforms
II - GENERAL DESCRIPTION (continued)
9
10
TEA2164S
P2
C1
Collector
Current
Envelop
Voltage
(Pin 10)
Output
Voltage
0t
Soft Start
4V
1V
θ
Tb
0t
0t
Tb
106 (C in Farad)
C1
3.3
0.13
Tb
θ
3.3 - 1.6 (V
9)
t
on
T Max.
Figure 6 : Burst Mode Waveforms
II.3 - Power Supply Start-up
After the mains have been switched-on, the VCC
storage capacitor of the TEA2164S is charged
through a high value resistor connected to the
rectified high voltage.
When Vcc reaches VCC start threshold (9V typ), the
TEA2164 starts operating in burst mode. Since
available output power is low in burst mode the
output power consumption must remain low before
complete setting-up of output voltage.
In TV application it can be achieved by main-
taining the TV in stand-by mode during start-up
(Figure 7).
TEA2164S
7/16


유사한 부품 번호 - TEA2164S

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
More results

유사한 설명 - TEA2164S

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
   Integrated Circuit Switch Mode Power Supply Controller
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
   Single phase, primary switched mode power supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com