전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29EE512 데이터시트(PDF) 2 Page - Silicon Storage Technology, Inc

부품명 SST29EE512
상세설명  512 Kbit (64K x8) Page-Write EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE512 데이터시트(HTML) 2 Page - Silicon Storage Technology, Inc

  SST29EE512 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE512 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Data Sheet
512 Kbit Page-Write EEPROM
SST29EE512
©2005 Silicon Storage Technology, Inc.
S71060-09-000
9/05
Read
The Read operations of the SST29EE512 is controlled by
CE# and OE#, both have to be low for the system to obtain
data from the outputs. CE# is used for device selection.
When CE# is high, the chip is deselected and only standby
power is consumed. OE# is the output control and is used
to gate data from the output pins. The data bus is in high
impedance state when either CE# or OE# is high. Refer to
the Read cycle timing diagram for further details (Figure 4).
Write
The Page-Write to the SST29EE512 should always use
the JEDEC Standard Software Data Protection (SDP)
three-byte command sequence. The SST29EE512 con-
tains the optional JEDEC approved Software Data Protec-
tion scheme. SST recommends that SDP always be
enabled, thus, the description of the Write operations will
be given using the SDP enabled format. The three-byte
SDP Enable and SDP Write commands are identical;
therefore, any time a SDP Write command is issued,
Software Data Protection is automatically assured. The
first time the three-byte SDP command is given, the device
becomes SDP enabled. Subsequent issuance of the same
command bypasses the data protection for the page being
written. At the end of the desired Page-Write, the entire
device remains protected. For additional descriptions,
please see the application notes The Proper Use of
JEDEC Standard Software Data Protection and Protecting
Against Unintentional Writes When Using Single Power
Supply Flash Memories.
The Write operation consists of three steps. Step 1 is the
three-byte load sequence for Software Data Protection.
Step 2 is the byte-load cycle to a page buffer of the
SST29EE512. Steps 1 and 2 use the same timing for both
operations. Step 3 is an internally controlled Write cycle for
writing the data loaded in the page buffer into the memory
array for nonvolatile storage. During both the SDP three-
byte load sequence and the byte-load cycle, the addresses
are latched by the falling edge of either CE# or WE#,
whichever occurs last. The data is latched by the rising
edge of either CE# or WE#, whichever occurs first. The
internal Write cycle is initiated by the TBLCO timer after the
rising edge of WE# or CE#, whichever occurs first. The
Write cycle, once initiated, will continue to completion, typi-
cally within 5 ms. See Figures 5 and 6 for WE# and CE#
controlled Page-Write cycle timing diagrams and Figures
15 and 17 for flowcharts.
The Write operation has three functional cycles: the Soft-
ware Data Protection load sequence, the page-load cycle,
and the internal Write cycle. The Software Data Protection
consists of a specific three-byte load sequence that allows
writing to the selected page and will leave the
SST29EE512 protected at the end of the Page-Write. The
page-load cycle consists of loading 1 to 128 Bytes of data
into the page buffer. The internal Write cycle consists of the
TBLCO time-out and the write timer operation. During the
Write operation, the only valid reads are Data# Polling and
Toggle Bit.
The Page-Write operation allows the loading of up to 128
Bytes of data into the page buffer of the SST29EE512
before the initiation of the internal Write cycle. During the
internal Write cycle, all the data in the page buffer is written
simultaneously into the memory array. Hence, the Page-
Write feature of SST29EE512 allows the entire memory to
be written in as little as 2.5 seconds. During the internal
Write cycle, the host is free to perform additional tasks,
such as to fetch data from other locations in the system to
set up the write to the next page. In each Page-Write oper-
ation, all the bytes that are loaded into the page buffer must
have the same page address, i.e. A7 through A16. Any byte
not loaded with user data will be written to FFH.
See Figures 5 and 6 for the Page-Write cycle timing dia-
grams. If after the completion of the three-byte SDP load
sequence or the initial byte-load cycle, the host loads a sec-
ond byte into the page buffer within a byte-load cycle time
(TBLC) of 100 µs, the SST29EE512 will stay in the page-
load cycle. Additional bytes are then loaded consecutively.
The page-load cycle will be terminated if no additional byte
is loaded into the page buffer within 200 µs (TBLCO) from
the last byte-load cycle, i.e., no subsequent WE# or CE#
high-to-low transition after the last rising edge of WE# or
CE#. Data in the page buffer can be changed by a subse-
quent byte-load cycle. The page-load period can continue
indefinitely, as long as the host continues to load the device
within the byte-load cycle time of 100 µs. The page to be
loaded is determined by the page address of the last byte
loaded.
Software Chip-Erase
The SST29EE512 provides a Chip-Erase operation, which
allows the user to simultaneously clear the entire memory
array to the “1” state. This is useful when the entire device
must be quickly erased.
The Software Chip-Erase operation is initiated by using a
specific six-byte load sequence. After the load sequence,
the device enters into an internally timed cycle similar to the
Write cycle. During the Erase operation, the only valid read
is Toggle Bit. See Table 4 for the load sequence, Figure 10
for timing diagram, and Figure 19 for the flowchart.


유사한 부품 번호 - SST29EE512

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512-70-4C-EH SST-SST29EE512-70-4C-EH Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512-70-4C-EHE SST-SST29EE512-70-4C-EHE Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512-70-4C-NH SST-SST29EE512-70-4C-NH Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512-70-4C-NHE SST-SST29EE512-70-4C-NHE Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results

유사한 설명 - SST29EE512

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com