전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29EE512-70-4I-EHE 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST29EE512-70-4I-EHE
상세설명  512 Kbit (64K x8) Page-Write EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE512-70-4I-EHE 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29EE512-70-4I-EHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29EE512-70-4I-EHE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
512 Kbit Page-Write EEPROM
SST29EE512
©2005 Silicon Storage Technology, Inc.
S71060-09-000
9/05
AC CHARACTERISTICS
TABLE
9: READ CYCLE TIMING PARAMETERS FOR SST29EE512
Symbol
Parameter
Min
Max
Units
TRC
Read Cycle Time
70
ns
TCE
Chip Enable Access Time
70
ns
TAA
Address Access Time
70
ns
TOE
Output Enable Access Time
30
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
ns
TOLZ1
OE# Low to Active Output
0
ns
TCHZ1
CE# High to High-Z Output
20
ns
TOHZ1
OE# High to High-Z Output
20
ns
TOH1
Output Hold from Address Change
0
ns
T9.3 1060
TABLE 10: PAGE-WRITE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TWC
Write Cycle (Erase and Program)
10
ms
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
50
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
0
ns
TCP
CE# Pulse Width
70
ns
TWP
WE# Pulse Width
70
ns
TDS
Data Setup Time
35
ns
TDH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Data Hold Time
0
ns
TBLC1
Byte Load Cycle Time
0.05
100
µs
TBLCO1
Byte Load Cycle Time
200
µs
TIDA1
Software ID Access and Exit Time
10
µs
TSCE
Software Chip-Erase
20
ms
T10.6 1060


유사한 부품 번호 - SST29EE512-70-4I-EHE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE512-70-4I-EHE SST-SST29EE512-70-4I-EHE Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results

유사한 설명 - SST29EE512-70-4I-EHE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512 Datasheet
179Kb / 15P
   512 kb I2C CMOS Serial EEPROM 128?묪yte Page Write Buffer
May, 2011 ??Rev. 1
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com