전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29SF020-55-4I-NHE 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST29SF020-55-4I-NHE
상세설명  2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF020-55-4I-NHE 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29SF020-55-4I-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29SF020-55-4I-NHE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Data Sheet
2 Mbit / 4 Mbit Small-Sector Flash
SST29SF020 / SST29SF040
SST29VF020 / SST29VF040
©2005 Silicon Storage Technology, Inc.
S71160-13-000
10/06
AC CHARACTERISTICS
TABLE 10: Read Cycle Timing Parameters
VDD = 4.5-5.5V for SST29SF020/040 and 2.7-3.6V for SST29VF020/040
Symbol
Parameter
SST29SF020/040-55
SST29VF020/040-70
Units
Min
Max
Min
Max
TRC
Read Cycle Time
55
70
ns
TCE
Chip Enable Access Time
55
70
ns
TAA
Address Access Time
55
70
ns
TOE
Output Enable Access Time
30
35
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
20
25
ns
TOHZ1
OE# High to High-Z Output
20
25
ns
TOH1
Output Hold from Address Change
00
ns
T10.10 1160
TABLE 11: Program/Erase Cycle Timing Parameters
VDD = 4.5-5.5V for SST29SF020/040 and 2.7-3.6V for SST29VF020/040
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
40
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TSCE
Chip-Erase
100
ms
T11.9 1160


유사한 부품 번호 - SST29SF020-55-4I-NHE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29SF020-55-4I-NH SST-SST29SF020-55-4I-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

유사한 설명 - SST29SF020-55-4I-NHE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com