전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST27SF020-70-3C-NHE 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST27SF020-70-3C-NHE
상세설명  512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF020-70-3C-NHE 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST27SF020-70-3C-NHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST27SF020-70-3C-NHE Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit Many-Time Programmable Flash
SST27SF512 / SST27SF010 / SST27SF020
©2005 Silicon Storage Technology, Inc.
S71152-11-000
9/05
TABLE
6: PROGRAM/ERASE DC OPERATING CHARACTERISTICS FOR SST27SF512
VDD=4.5-5.5V, VPP=VPPH (TA=25°C±5°C)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Erase or Program Current
30
mA
CE#=VIL, OE#/VPP=11.4-12V, VDD=VDD Max
IPP
VPP Erase or Program Current
3
mA
CE#=VIL, OE#/VPP=11.4-12V, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VH
Supervoltage for A9
11.4
12
V
CE#=OE#/VPP=VIL,
IH
Supervoltage Current for A9
200
µA
CE#=OE#/VPP=VIL, A9=VH Max
VPPH
High Voltage for OE#/VPP Pin
11.4
12
V
T6.5 1152
TABLE
7: PROGRAM/ERASE DC OPERATING CHARACTERISTICS FOR SST27SF010/020
VDD=4.5-5.5V, VPP=VPPH (TA=25°C±5°C)
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
VDD Erase or Program Current
30
mA
CE#=PGM#=VIL, OE#=VIH, VPP=11.4-12V,
VDD=VDD Max
IPP
VPP Erase or Program Current
3
mA
CE#=PGM#=VIL, OE#=VIH, VPP=11.4-12V,
VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN =GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT =GND to VDD, VDD=VDD Max
VH
Supervoltage for A9
11.4
12
V
CE#=OE#=VIL,
IH
Supervoltage Current for A9
200
µA
CE#=OE#=VIL, A9=VH Max
VPPH
High Voltage for VPP Pin
11.4
12
V
T7.5 1152
TABLE
8: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
100
µs
T8.1 1152
TABLE
9: CAPACITANCE (TA = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T9.0 1152
TABLE 10: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
1000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
T10.3 1152


유사한 부품 번호 - SST27SF020-70-3C-NHE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST27SF020-70-3C-NH SST-SST27SF020-70-3C-NH Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

유사한 설명 - SST27SF020-70-3C-NHE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com