전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89E564RD-40-I-NJE 데이터시트(PDF) 1 Page - Silicon Storage Technology, Inc

부품명 SST89E564RD-40-I-NJE
상세설명  FlashFlex MCU
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564RD-40-I-NJE 데이터시트(HTML) 1 Page - Silicon Storage Technology, Inc

  SST89E564RD-40-I-NJE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E564RD-40-I-NJE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
©2007 Silicon Storage Technology, Inc.
S71207-08-EOL
1/07
1
The SST logo, SuperFlash, and FlashFlex are registered trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
EOL Data Sheet
FEATURES:
8-bit 8051-Compatible Microcontroller (MCU)
with Embedded SuperFlash Memory
– Fully Software Compatible
– Development Toolset Compatible
– Pin-For-Pin Package Compatible
SST89E564RD/SST89E554RC Operation
– 0 to 40 MHz at 5V
SST89V564RD/SST89V554RC Operation
– 0 to 33 MHz at 3V
Total 1 KByte Internal RAM (256 Byte + 768 Byte)
Dual Block SuperFlash EEPROM
– SST89E564RD/SST89V564RD:
64 KByte primary block + 8 KByte secondary
block (128-Byte sector size for both blocks)
– SST89E554RC/SST89V554RC:
32 KByte primary block + 8 KByte secondary
block (128-Byte sector size for both blocks)
– Individual Block Security Lock with SoftLock
– Concurrent Operation during
In-Application Programming (IAP)
– Memory Overlay for Interrupt Support
during IAP
Support External Address Range up to 64
KByte of Program and Data Memory
Three High-Current Drive Port 1 pins
Three 16-bit Timers/Counters
Full-Duplex, Enhanced UART
– Framing Error Detection
– Automatic Address Recognition
Eight Interrupt Sources at 4 Priority Levels
Programmable Watchdog Timer (WDT)
Programmable Counter Array (PCA)
Four 8-bit I/O Ports (32 I/O Pins)
Second DPTR register
Low EMI Mode (Inhibit ALE)
SPI Serial Interface
Standard 12 Clocks per cycle, the device has an
option to double the speed to 6 clocks per cycle.
TTL- and CMOS-Compatible Logic Levels
Brown-out Detection
Low Power Modes
– Power-down Mode with External Interrupt Wake-up
– Idle Mode
Temperature Ranges:
– Commercial (0°C to +70°C)
– Industrial (-40°C to +85°C)
Packages Available
– 40-contact WQFN
– 44-lead PLCC
– 40-pin PDIP (Port 4 feature not available)
– 44-lead TQFP
– Non-Pb (lead-free) packages available
PRODUCT DESCRIPTION
The SST89E564RD, SST89V564RD, SST89E554RC, and
SST89V554RC are members of the FlashFlex family of 8-bit
microcontroller products designed and manufactured with
SST’s patented and proprietary SuperFlash CMOS semi-
conductor process technology. The split-gate cell design
and thick-oxide tunneling injector offer significant cost and
reliability benefits for our customers. The devices use the
8051 instruction set and are pin-for-pin compatible with stan-
dard 8051 microcontroller devices.
The devices come with 72/40 KByte of on-chip flash
EEPROM program memory which is partitioned into 2
independent program memory blocks. The primary Block 0
occupies 64/32 KByte of internal program memory space
and the secondary Block 1 occupies 8 KByte of internal
program memory space.
The 8-KByte secondary flash block can be mapped to the
lowest location of the 64-/32-KByte address space; it can
also be hidden from the program counter and used as an
independent EEPROM-like data memory.
In addition to the 72/40 KByte of EEPROM on-chip pro-
gram memory and 1024 x8 bits of on-chip RAM, the
devices can address up to 64 KByte of external program
memory and up to 64 KByte of external RAM.
The flash memory blocks can be programmed via a stan-
dard 87C5x OTP EPROM programmer fitted with a special
adapter and the firmware for SST’s devices. During power-
on reset, the devices can be configured as either a slave to
an external host for source code storage or a master to an
external host for an in-application programming (IAP) oper-
ation. The devices are designed to be programmed in-sys-
tem and in-application on the printed circuit board for
maximum flexibility. The devices are pre-programmed with
an example of the bootstrap loader in memory, demonstrat-
ing the initial user program code loading or subsequent
user code updating via an IAP operation. A sample boot-
strap loader is available for the user’s reference and conve-
nience only; SST does not guarantee its functionality or
usefulness. Chip-Erase or Block-Erase operations will
erase the pre-programmed sample code.
FlashFlex MCU
SST89E564RD / SST89V564RD
SST89E554RC / SST89V554RC


유사한 부품 번호 - SST89E564RD-40-I-NJE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564RD-40-I-NJ SST-SST89E564RD-40-I-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89E564RD-40-I-NJ SST-SST89E564RD-40-I-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

유사한 설명 - SST89E564RD-40-I-NJE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E516RD2 SST-SST89E516RD2_07 Datasheet
831Kb / 81P
   FlashFlex MCU
SST89E52RC SST-SST89E52RC Datasheet
653Kb / 57P
   FlashFlex MCU
logo
Microchip Technology
SST89E516RD2 MICROCHIP-SST89E516RD2_13 Datasheet
762Kb / 94P
   FlashFlex MCU
02/13
logo
Silicon Storage Technol...
SST89E54RD2A SST-SST89E54RD2A_13 Datasheet
756Kb / 91P
   FlashFlex MCU
SST89E54RD SST-SST89E54RD Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E54RD2A SST-SST89E54RD2A Datasheet
1Mb / 84P
   FlashFlex MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com