전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF6401-70-4I-B1K 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST39VF6401-70-4I-B1K
상세설명  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6401-70-4I-B1K 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39VF6401-70-4I-B1K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF6401-70-4I-B1K Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
11
©2005 Silicon Storage Technology, Inc.
S71223-04-000
11/05
TABLE 10: DEVICE GEOMETRY INFORMATION FOR SST39VF3201/3202
Address
Data
Data
27H
0016H
Device size = 2N Bytes (16H = 22; 222 = 4 MByte)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0003H
y = 1023 + 1 = 1024 (03FFH = 1023)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
003FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 63 + 1 = 64 blocks (003FH = 63)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T10.2 1223
TABLE 11: DEVICE GEOMETRY INFORMATION FOR SST39VF6401/6402
Address
Data
Data
27H
0017H
Device size = 2N Bytes (17H = 23; 223 = 8 MByte)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of bytes in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0007H
y = 2047 + 1 = 2048 sectors (07FFH = 2047)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
007FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y =127 + 1 = 128 blocks (007FH = 127)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T11.2 1223


유사한 부품 번호 - SST39VF6401-70-4I-B1K

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF6401-70-4I-B1K SST-SST39VF6401-70-4I-B1K Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401-70-4I-B1KE SST-SST39VF6401-70-4I-B1KE Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results

유사한 설명 - SST39VF6401-70-4I-B1K

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com