전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF6402-70-4C-EK 데이터시트(PDF) 9 Page - Silicon Storage Technology, Inc

부품명 SST39VF6402-70-4C-EK
상세설명  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6402-70-4C-EK 데이터시트(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST39VF6402-70-4C-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF6402-70-4C-EK Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
9
©2005 Silicon Storage Technology, Inc.
S71223-04-000
11/05
TABLE
6: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Word-Program
5555H
AAH
2AAAH
55H
5555H
A0H
WA3
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX4
30H
Block-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
BAX4
50H
Chip-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Erase-Suspend
XXXXH
B0H
Erase-Resume
XXXXH
30H
Query Sec ID5
5555H
AAH
2AAAH
55H
5555H
88H
User Security ID
Word-Program
5555H
AAH
2AAAH
55H
5555H
A5H
WA6
Data
User Security ID
Program Lock-Out
5555H
AAH
2AAAH
55H
5555H
85H
XXH6
0000H
Software ID Entry7,8
5555H
AAH
2AAAH
55H
5555H
90H
CFI Query Entry
5555H
AAH
2AAAH
55H
5555H
98H
Software ID Exit9,10
/CFI Exit/Sec ID Exit
5555H
AAH
2AAAH
55H
5555H
F0H
Software ID Exit9,10
/CFI Exit/Sec ID Exit
XXH
F0H
T6.6 1223
1. Address format A14-A0 (Hex).
Addresses A15-A19 can be VIL or VIH, but no other value, for Command sequence for SST39VF1601/1602,
Addresses A15-A20 can be VIL or VIH, but no other value, for Command sequence for SST39VF3201/3202,
Addresses A15- A21 can be VIL or VIH, but no other value, for Command sequence for SST39VF6401/6402.
2. DQ15-DQ8 can be VIL or VIH, but no other value, for Command sequence
3. WA = Program Word address
4. SAX for Sector-Erase; uses AMS-A11 address lines
BAX, for Block-Erase; uses AMS-A15 address lines
AMS = Most significant address
AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
5. With AMS-A4 = 0; Sec ID is read with A3-A0,
SST ID is read with A3 = 0 (Address range = 000000H to 000007H),
User ID is read with A3 = 1 (Address range = 000010H to 000017H).
Lock Status is read with A7-A0 = 0000FFH. Unlocked: DQ3 = 1 / Locked: DQ3 = 0.
6. Valid Word-Addresses for Sec ID are from 000000H-000007H and 000010H-000017H.
7. The device does not remain in Software Product ID Mode if powered down.
8. With AMS-A1 =0; SST Manufacturer ID = 00BFH, is read with A0 = 0,
SST39VF1601 Device ID = 234BH, is read with A0 = 1,
SST39VF1602 Device ID = 234AH, is read with A0 = 1,
SST39VF3201 Device ID = 235BH, is read with A0 = 1,
SST39VF3202 Device ID = 235AH, is read with A0 = 1,
SST39VF6401 Device ID = 236BH, is read with A0 = 1,
SST39VF6402 Device ID = 236AH, is read with A0 = 1.
AMS = Most significant address
AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
9. Both Software ID Exit operations are equivalent
10. If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1) using the Sec ID
mode again (the programmed “0” bits cannot be reversed to “1”). Valid Word-Addresses for Sec ID are from 000000H-000007H and
000010H-000017H.


유사한 부품 번호 - SST39VF6402-70-4C-EK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF6402-70-4C-EK SST-SST39VF6402-70-4C-EK Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6402-70-4C-EKE SST-SST39VF6402-70-4C-EKE Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results

유사한 설명 - SST39VF6402-70-4C-EK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com