전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LT1168_06 데이터시트(Datasheet) 7 Page - Linear Technology

부품명 LT1168_06
상세내용  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo 

 7 page
background image
7
LT1168
1168fa
0.1Hz to 10Hz Noise Voltage,
G = 1
TYPICAL PERFOR A CE CHARACTERISTICS
TIME (SEC)
0
8
1168 G10
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
0.1Hz to 10Hz Noise Voltage,
RTI G = 1000
TIME (SEC)
0
8
1168 G11
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
1
10
100
1000
10
100
1000
1168 G12
VS = ±15V
TA = 25°C
RS
1/f CORNER = 55Hz
Current Noise Density
vs Frequency
0.1Hz to 10Hz Current Noise
TIME (SEC)
0
8
1168 G13
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
Short-Circuit Current vs Time
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–50
–40
–20
–10
0
50
20
1
2
1168 G14
–30
30
40
10
3
TA = –40°C
VS = ±15V
TA = –40°C
TA = 25°C
TA = 85°C
TA = 85°C
TA = 25°C
Output Impedance vs Frequency
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
1168 G15
0.1
1k
VS = ±15V
TA = 25°C
G = 1 TO 1000
Overshoot vs Capacitive Load
Input Bias Current
Input Offset Current
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1168 G16
30
20
10
0
90
100
VS = ±15V
VOUT = ±50mV
RL =
G = 100, 1000
G = 10
G = 1
INPUT BIAS CURRENT (pA)
–200
30
40
50
120
1168 G17
20
10
0
–120
+IB
+IB
–IB
–40
40
200
VS ±15V
TA = 25°C
302 N8 (2 LOTS)
313 SO-8 (2 LOTS)
615 TOTAL PARTS
INPUT OFFSET CURRENT (pA)
–120
30
40
50
40
1168 G18
20
10
0
–80
–40
0
80
120
VS = ±15V
TA = 25°C
302 N8 (2 LOTS)
313 SO-8 (2 LOTS)
615 TOTAL PARTS




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LT1167_02Single Resistor Gain Programmable Precision Instrumentation Amplifier 1 2 3 4 5 MoreLinear Technology
HFA1412_06Quad 350MHz Low Power Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
AS321LOW POWER SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LT1102_07High Speed Precision JFET Input Instrumentation Amplifier Fixed Gain = 10 or 100 1 2 3 4 5 MoreLinear Technology
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
HFA1149_04450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
AD620_05Low Cost Low Power Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8251_0710 MHz 20 V/μs G = 1 2 4 8 i CMOS® Programmable Gain Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl