전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT1168 데이터시트(PDF) 12 Page - Linear Technology

부품명 LT1168
상세설명  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT1168 데이터시트(HTML) 12 Page - Linear Technology

Back Button LT1168_06 Datasheet HTML 8Page - Linear Technology LT1168_06 Datasheet HTML 9Page - Linear Technology LT1168_06 Datasheet HTML 10Page - Linear Technology LT1168_06 Datasheet HTML 11Page - Linear Technology LT1168_06 Datasheet HTML 12Page - Linear Technology LT1168_06 Datasheet HTML 13Page - Linear Technology LT1168_06 Datasheet HTML 14Page - Linear Technology LT1168_06 Datasheet HTML 15Page - Linear Technology LT1168_06 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1168
1168fa
voltage, G = (R1 + R2)/RG, to the unity-gain difference
amplifier A3. The common mode voltage is removed by
A3, resulting in a single-ended output voltage referenced
to the voltage on the REF pin. The resulting gain equation
is:
G = (49.4k
Ω/RG) + 1
solving for the gain set resistor gives:
RG = 49.4kΩ /(G – 1)
Table 1 shows appropriate 1% resistor values for a variety
of gains.
Table 1
DESIRED GAIN
RG
CLOSEST 1% VALUE
RESULTANT GAIN
1
Open
Open
1
2
49400
49900
1.99
5
12350
12400
4.984
10
5488.89
5490
9.998
20
2600
2610
19.93
50
1008.16
1000
50.4
100
498.99
499
99.998
200
248.24
249
199.4
500
99
100
495
1000
49.95
49.4
1001
Input and Output Offset Voltage
The offset voltage of the LT1168 has two components: the
output offset and the input offset. The total offset voltage
referred to the input (RTI) is found by dividing the output
offset by the programmed gain (G) and adding it to the
input offset. At high gains the input offset voltage domi-
nates, whereas at low gains the output offset voltage
dominates. The total offset voltage is:
Total input offset voltage (RTI)
= input offset + (output offset/G)
Total output offset voltage (RTO)
= (input offset • G) + output offset
Reference Terminal
The reference terminal is one end of one of the four 30k
resistors around the difference amplifier. The output
voltage of the LT1168 (Pin 6) is referenced to the voltage
on the reference terminal (Pin 5). Resistance in series
with the REF pin must be minimized for best common
mode rejection. For example, a 6
Ω resistance from the
REF pin to ground will not only increase the gain error by
0.02% but will lower the CMRR to 80dB.
Input Voltage Range
The input voltage range for the LT1168 is specified in the
data sheet at 1.4V below the positive supply to 1.9V
above the negative supply for a gain of one. As the gain
increases the input voltage range decreases. This is due
to the IR drop across the internal gain resistors R1 and
R2 in Figure 1. For the unity gain condition there is no IR
drop across the gain resistors R1 and R2, the output of
the GM amplifiers is just the differential input voltage at
Pin 2 and Pin 3 (level shifted by one VBE from Q1 and Q2).
When a gain resistor is connected across Pins 1 and 8,
the output swing of the GM cells is now the differential
input voltage (level shifted by VBE) plus the differential
voltage times the gain (ratio of the internal gain resistors
to the external gain resistor across Pins 1 and 8). To
calculate how close to the positive rail the input (VIN) can
swing for a gain of 2 and a maximum expected output
swing of 10V, use the following equation:
+VS – VIN = – 0.5 – (VOUT/G) • (G – 1)/2
Substituting yields:
– 0.5 – (10/2) • (1/2) = – 3V
below the positive supply or 12V for a 15V supply. To
calculate how far above the negative supply the input can
swing for a gain of 10 with a maximum expected output
swing of –10V, the equation for the negative case is:
–VS + VIN = 1.5 – (VOUT/G) • (G – 1)/2
Substituting yields:
1.5 – (–10/10) • 9/2 = 6V
above the negative supply or – 9V for a negative supply
voltage of –15V. Figures 2 and 3 are for the positive
common mode and negative common mode cases
respectively.
THEORY OF OPERATIO


유사한 부품 번호 - LT1168_06

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT1168AC LINER-LT1168AC Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168ACN8 LINER-LT1168ACN8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168ACS8 LINER-LT1168ACS8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168AI LINER-LT1168AI Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
LT1168AIN8 LINER-LT1168AIN8 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
More results

유사한 설명 - LT1168_06

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com