전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LT1168_06 데이터시트(Datasheet) 3 Page - Linear Technology

부품명 LT1168_06
상세내용  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo 

 
 3 page
background image
3
LT1168
1168fa
LT1168AC
LT1168C
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
G = 1
0.01
0.03
0.012
0.04
%
G = 10 (Note 7)
0.40
1.5
0.500
1.6
%
G = 100 (Note 7)
0.45
1.6
0.550
1.7
%
G = 1000 (Note 7)
0.50
1.7
0.600
1.8
%
Gain Nonlinearity
VOUT = ±10V, G = 1
2
15
3
20
ppm
(Notes 7, 8)
VOUT = ±10V, G = 10 and 100
7
30
10
35
ppm
VOUT = ±10V, G = 1000
25
60
30
80
ppm
∆G/∆T
Gain vs Temperature
G < 1000 (Note 7)
100
200
100
200
ppm/
°C
LT1168AC/LT1168AI
LT1168C/LT1168I
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CIN(DIFF)
Differential Input Capacitance
fO = 100kHz
1.6
1.6
pF
CIN(CM)
Common Mode Input
fO = 100kHz
1.6
1.6
pF
Capacitance
VCM
Input Voltage Range
G = 1, Other Input Grounded
VS = ±2.3V to ±5V
–VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
V
VS = ±5V to ±18V
–VS + 1.9
+VS – 1.4
–VS + 1.9
+VS – 1.4
V
CMRR
Common Mode
1k Source Imbalance,
Rejection Ratio
VCM = 0V to ±10V
G = 1
90
95
85
95
dB
G = 10
106
115
100
115
dB
G = 100
120
135
110
135
dB
G = 1000
126
140
120
140
dB
PSRR
Power Supply
VS = ±2.3V to ±18V
Rejection Ratio
G = 1
103
108
100
108
dB
G = 10
122
128
118
128
dB
G = 100
131
145
126
145
dB
G = 1000
135
150
130
150
dB
IS
Supply Current
VS = ±2.3V to ±18V
350
530
350
530
µA
VOUT
Output Voltage Swing
RL = 10k
VS = ±2.3V to ±5V
–VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
V
VS = ±5V to ±18V
–VS + 1.2
+VS – 1.3
–VS + 1.2
+VS – 1.3
V
IOUT
Output Current
20
32
20
32
mA
BW
Bandwidth
G = 1
400
400
kHz
G = 10
200
200
kHz
G = 100
13
13
kHz
G = 1000
1
1
kHz
SR
Slew Rate
G = 1, VOUT = ±10V
0.3
0.5
0.3
0.5
V/
µs
Settling Time to 0.01%
10V Step
G = 1 to 100
30
30
µs
G = 1000
200
200
µs
REFIN
Reference Input Resistance
60
60
k
IREFIN
Reference Input Current
VREF = 0V
18
18
µA
VREF
Reference Voltage Range
–VS + 1.6
+VS – 1.6
–VS + 1.6
+VS – 1.6
V
AVREF
Reference Gain to Output
1
± 0.0001
1
± 0.0001
TA = 25°C. VS = ±15V, VCM = 0V, RL = 10k unless otherwise noted.
The
denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C temperature range. VS = ±15V, VCM = 0V, RL = 10k unless
otherwise noted.
ELECTRICAL CHARACTERISTICS




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LT1167_02Single Resistor Gain Programmable Precision Instrumentation Amplifier 1 2 3 4 5 MoreLinear Technology
HFA1412_06Quad 350MHz Low Power Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
AS321LOW POWER SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LT1102_07High Speed Precision JFET Input Instrumentation Amplifier Fixed Gain = 10 or 100 1 2 3 4 5 MoreLinear Technology
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTI store
HFA1149_04450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
AD620_05Low Cost Low Power Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8251_0710 MHz 20 V/μs G = 1 2 4 8 i CMOS® Programmable Gain Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl