전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LT1168_06 데이터시트(Datasheet) 5 Page - Linear Technology

부품명 LT1168_06
상세내용  Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo 

 
 5 page
background image
5
LT1168
1168fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: If the input voltage exceeds the supplies, the input current should
be limited to less than 20mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1168AC/LT1168C are guaranteed functional over the
operating temperature range of – 40
°C and 85°C.
Note 5: The LT1168AC/LT1168C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1168AC/LT1168C are designed,
characterized and expected to meet specified performance from – 40
°C
to 85
°C but are not tested or QA sampled at these temperatures. The
LT1168AI/LT1168I are guaranteed to meet specified performance from
–40
°C to 85°C.
Note 6: Typical parameters are defined as the 60% of the yield parameter
distribution.
Note 7: Does not include the tolerance of the external gain resistor RG.
Note 8: This parameter is measured in a high speed automatic tester that
does not measure the thermal effects with longer time constants. The
magnitude of these thermal effects are dependent on the package used,
heat sinking and air flow conditions.
Note 9: This parameter is not 100% tested.
Note 10: Hysteresis in offset voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Offset voltage hysteresis is always measured at 25
°C, but
the IC is cycled to 85
°C I-grade (or 70°C C-grade) or –40°C I-grade
(0
°C C-grade) before successive measurement. 60% of the parts will
pass the typical limit on the data sheet.
The
denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C
temperature range. VS = ±15V, VCM = 0V, RL = 10k unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
LT1168AI
LT1168I
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOST
Total Input Referred Offset Voltage
VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
20
75
25
100
µV
VOSIH
Input Offset Voltage Hysteresis
(Notes 7, 10)
3.0
3.0
µV
VOSO
Output Offset Voltage
180
500
200
600
µV
VOSOH
Output Offset Voltage Hysteresis (Notes 7, 10)
30
30
µV
VOSI/T
Input Offset Drift (RTI)
(Note 9)
0.05
0.3
0.06
0.4
µV/°C
VOSO/T
Output Offset Drift
(Note 9)
0.8
5
1
6
µV/°C
IOS
Input Offset Current
110
550
120
700
pA
IOS/T
Input Offset Current Drift
0.3
0.3
pA/
°C
IB
Input Bias Current
120
500
220
800
pA
IB/T
Input Bias Current Drift
1.4
1.4
pA/
°C
VCM
Input Voltage Range
VS = ±2.3V to ±5V
–VS + 2.1
+VS – 1.3 –VS + 2.1
+VS – 1.3
V
VS = ±5V to ±18V
–VS + 2.1
+VS – 1.4 –VS + 2.1
+VS – 1.4
V
CMRR
Common Mode
1k Source Imbalance,
Rejection Ratio
VCM = 0V to ±10V
G = 1
86
90
81
90
dB
G = 10
98
105
95
105
dB
G = 100
114
118
112
118
dB
G = 1000
116
133
112
133
dB
PSRR
Power Supply
VS = ±2.3V to ±18V
Rejection Ratio
G = 1
100
112
95
112
dB
G = 10
120
125
115
125
dB
G = 100
125
132
120
132
dB
G = 1000
128
140
125
140
dB
IS
Supply Current
420
650
420
650
µA
VOUT
Output Voltage Swing
VS = ±2.3V to ±5V
–VS + 1.4
+VS – 1.3 –VS + 1.4
+VS – 1.3
V
VS = ±5V to ±18V
–VS + 1.6
+VS – 1.5 –VS + 1.6
+VS – 1.5
V
IOUT
Output Current
15
22
15
22
mA
SR
Slew Rate
0.22
0.41
0.22
0.42
V/
µs
VREF
Voltage Range
(Note 9)
–VS + 1.6
+VS – 1.6 –VS + 1.6
+VS – 1.6
V




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LT1167_02Single Resistor Gain Programmable Precision Instrumentation Amplifier 1 2 3 4 5 MoreLinear Technology
HFA1412_06Quad 350MHz Low Power Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
AS321LOW POWER SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LT1102_07High Speed Precision JFET Input Instrumentation Amplifier Fixed Gain = 10 or 100 1 2 3 4 5 MoreLinear Technology
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTI store
HFA1149_04450MHz Low Power Video Operational Amplifier with Programmable Output Disable 1 2 3 4 5 MoreIntersil Corporation
AD620_05Low Cost Low Power Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8251_0710 MHz 20 V/μs G = 1 2 4 8 i CMOS® Programmable Gain Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl